Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MAH63FBD-R

  • AI
    The **MAH63FBD-R** is a high-performance, magnetic absolute rotary encoder typically used in industrial automation, robotics, and motor feedback systems. It belongs to the magnetic sensing family, which offers high durability compared to optical encoders in harsh environments. --- ### 1. Technical Specifications The following table summarizes the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Sensing Technology** | Magnetic (Hall-effect or GMR) | | **Output Type** | SSI (Synchronous Serial Interface) / BiSS | | **Resolution** | Up to 17-bit (Single-turn) | | **Supply Voltage** | 5V DC ± 5% | | **Current Consumption** | ~50mA to 100mA | | **Operating Temp** | -40°C to +105°C | | **Protection Class** | IP65 or IP67 (Depending on housing) | --- ### 2. Core Electronic Components The internal architecture of the MAH63FBD-R consists of several critical electronic stages: #### A. Magnetic Sensing Element Unlike optical encoders that use a disk and light source, this part uses a **permanent magnet** mounted on the shaft and a specialized **ASIC (Application Specific Integrated Circuit)** with Hall-effect sensors. It detects the change in the magnetic field vector as the shaft rotates. #### B. Signal Processing Unit (DSP) The raw analog signals from the magnetic sensors are processed by an internal microcontroller or DSP. This unit: * Interpolates the signal to increase resolution. * Compensates for temperature drift. * Corrects for mechanical misalignments. #### C. Communication Interface (SSI/BiSS) The "FBD" designation usually refers to the communication protocol. * **SSI (Synchronous Serial Interface):** A point-to-point serial communication protocol that transmits absolute position data triggered by a clock signal from the Controller (PLC). * **BiSS (Bidirectional Serial Synchronous):** A high-speed open-source protocol that allows for faster data rates and additional diagnostic feedback. --- ### 3. Connection Pinout (Typical) Electronic integration requires wiring to a 5V power source and a differential signal receiver. | Pin Color/Number | Signal | Description | | :--- | :--- | :--- | | **Red** | Vcc | +5V Power Supply | | **Black** | GND | Ground | | **Yellow** | Clock+ | Differential Clock Input (+) | | **Green** | Clock- | Differential Clock Input (-) | | **Blue** | Data+ | Differential Data Output (+) | | **White** | Data- | Differential Data Output (-) | --- ### 4. Key Advantages 1. **Non-Contact Measurement:** Since there is no physical contact between the sensor and the rotating magnet, the electronic life is significantly longer. 2. **Robustness:** Resistant to dust, oil, and moisture—contaminants that would cause an electronic failure in an optical encoder. 3. **Absolute Positioning:** Provides the exact position immediately upon power-up without requiring a "homing" sequence.
    ✨ Follow-up Questions
    • ⤷ What are the differences between SSI and BiSS protocols for this encoder?
    • ⤷ How do I wire this encoder to an Arduino or PLC?
    • ⤷ What is the maximum RPM supported by the MAH63FBD-R?