MAH64TBA-R
AI

The **MAH64TBA-R** is a specific high-performance **Magnetic Angle Sensor IC** (Integrated Circuit). It is primarily used in industrial automation, robotics, and automotive systems to detect the precise rotational position of a shaft.
Below is a detailed breakdown of its technical specifications and electronic characteristics.
---
### 1. Core Technical Specifications
The MAH64TBA-R is designed to convert a rotating magnetic field into an analog or digital signal representing an angle.
| Feature | Specification Details |
| :--- | :--- |
| **Sensor Type** | Giant Magnetoresistive (GMR) / TMR or Hall Effect (Series dependent) |
| **Output Type** | Analog / PWM / Digital (depends on configuration) |
| **Resolution** | Typically 12-bit to 14-bit |
| **Supply Voltage** | 3.3V to 5.0V DC |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade) |
| **Package Type** | TSSOP or SOIC (Surface Mount) |
---
### 2. Key Internal Components
The IC integrates several critical electronic stages to process the magnetic data:
* **Sensing Element:** A bridge of resistors that change value based on the direction of the magnetic flux.
* **PGA (Programmable Gain Amplifier):** Amplifies the weak signals from the sensors to a workable voltage level.
* **ADC (Analog-to-Digital Converter):** Converts the sine/cosine analog signals into a digital value.
* **CORDIC Processor:** A specialized mathematical engine that calculates the **Arctangent** ($\arctan$) of the sine and cosine signals to determine the exact angle ($0^\circ$ to $360^\circ$).
* **EEPROM:** Internal memory used to store calibration data, zero-position offsets, and output scaling.
---
### 3. Application Circuitry
To integrate this part into a PCB, the following external components are typically required:
```cpp
// Typical Hardware Integration Checklist
1. Decoupling Capacitors: 100nF and 1uF near the VCC pin to filter noise.
2. Pull-up Resistors: Required if using I2C or Open-Drain PWM outputs.
3. Diametric Magnet: A neodymium magnet placed 0.5mm to 3mm above the IC.
4. ESD Protection: Transient Voltage Suppressors (TVS) for industrial environments.
```
---
### 4. Advantages & Use Cases
* **Non-Contact Sensing:** Unlike potentiometers, there is no mechanical wear, leading to a much longer lifespan.
* **High Speed:** Capable of tracking rotations at several thousand RPM with minimal latency.
* **Robustness:** Immune to dust, oil, and moisture, making it ideal for:
* Brushless DC (BLDC) motor commutation.
* Steering wheel angle sensors.
* Robotic joint positioning.
---
- ⤷
What are the specific pinout configurations for the MAH64TBA-R?
- ⤷ How does the magnetic field strength affect the accuracy of this sensor?
- ⤷ What is the communication protocol used for digital output in this series?