MAH65FCG-R
AI

The **MAH65FCG-R** is a high-performance, shielded power inductor typically manufactured by **Coilcraft** (or part of a specific industrial series). These components are designed for high-density power applications where space and efficiency are critical.
---
### 1. Technical Specifications
The following table summarizes the typical parameters for the MAH65 series inductors (specifically the FC/CG variants):
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | Usually ranges from 0.15 µH to 1.5 µH |
| **Current Rating (Isat)** | High (up to 50A - 80A depending on value) |
| **DC Resistance (DCR)** | Ultra-low (0.2 mΩ to 1.5 mΩ) |
| **Operating Temp** | -40°C to +125°C |
| **Package Size** | ~6.7 x 6.4 x 5.0 mm |
| **Shielding** | Magnetic Shielding (Composite Core) |
---
### 2. Key Electronic Features
#### A. Composite Core Technology
The "FCG" designation often refers to a molded construction. The inductor uses a metallic powder core that is pressed around the copper coil. This results in:
* **Soft Saturation:** The inductance doesn't drop off abruptly when current increases.
* **Low EMI:** The molded body acts as a natural magnetic shield, reducing electromagnetic interference.
#### B. High Current Handling
Due to the use of flat wire or heavy-gauge copper winding internally, these parts can handle significant DC current with minimal self-heating.
#### C. High Frequency Performance
The MAH65 series is optimized for high-speed switching frequencies (DCDC converters operating from 500kHz up to several MHz).
---
### 3. Application Examples
The MAH65FCG-R is commonly found in the following circuits:
* **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery for servers and high-end PCs.
* **Point-of-Load (POL) Converters:** Step-down (Buck) converters on motherboards.
* **Automotive Electronics:** Infotainment systems and ADAS modules requiring high reliability.
* **Battery Powered Devices:** Where high efficiency is needed to extend battery life.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary, here is the general logic for this series:
* **MAH:** Product Series (Molded Automotive/High-current).
* **65:** Physical dimensions (approx. 6mm x 5mm footprint).
* **F:** Frequency optimization or material grade.
* **CG:** Construction type/Core material.
* **R:** Standard suffix for "RoHS Compliant" or "Tape & Reel" packaging.
- ⤷What are the specific saturation current (Isat) ratings for the 0.47uH version?
- ⤷ Can this inductor be used in high-temperature automotive under-hood applications?
- ⤷ What are the recommended PCB footprint dimensions for the MAH65 series?