AI

The **MAH75TCD-R** is a high-performance, ultra-low power consumption MEMS (Micro-Electro-Mechanical Systems) thermal conductivity gas sensor. It is widely used in industrial and consumer electronics for detecting gas concentration based on the thermal conductivity principle.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the MAH75TCD-R:
| Feature | Specification |
| :--- | :--- |
| **Detection Principle** | Thermal Conductivity (MEMS) |
| **Supply Voltage (Vcc)** | 2.5V to 3.6V DC |
| **Typical Current** | < 5 mA (low power consumption) |
| **Output Type** | Analog Voltage / Bridge Output |
| **Response Time (T90)** | < 10 Seconds |
| **Target Gases** | H2, CH4, CO2, He, SF6, etc. |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Internal Electronic Components
The MAH75TCD-R is not a simple resistor; it is an integrated system consisting of several micro-scale parts:
* **MEMS Sensing Element:** A microscopic bridge structure (often silicon-based) that contains a heating element and a temperature sensor.
* **Reference Cell:** A sealed or compensated compartment that serves as a baseline against ambient temperature fluctuations.
* **Wheatstone Bridge Circuit:** The internal wiring is typically configured as a bridge. As the gas concentration changes, the thermal conductivity changes, leading to a resistance shift that results in a measurable voltage differential.
* **Filter/Membrane:** A specialized protective layer that allows gas diffusion while protecting the electronics from dust and humidity.
---
### 3. Basic Application Circuit
To interface this part with a microcontroller (like an Arduino or STM32), a signal conditioning circuit is required.
```cpp
// Example logic for reading a thermal conductivity sensor via ADC
int sensorPin = A0; // Connected to the output of the bridge amplifier
float sensorValue = 0;
void setup() {
Serial.begin(9600);
}
void loop() {
sensorValue = analogRead(sensorPin);
// Convert voltage to gas concentration based on datasheet curves
float voltage = sensorValue * (5.0 / 1023.0);
Serial.print("Sensor Output (V): ");
Serial.println(voltage);
delay(1000);
}
```
---
### 4. Comparison: Thermal Conductivity vs. Catalytic
Unlike standard catalytic sensors, the MAH75TCD-R does not "burn" the gas.
1. **High Stability:** It is not prone to "poisoning" from chemicals like silicone or lead.
2. **Wide Range:** It can measure high concentrations (up to 100% Vol) of gases like Hydrogen or Carbon Dioxide.
3. **Longevity:** Because it operates at lower temperatures and doesn't rely on a chemical reaction, the lifespan is significantly longer than electrochemical sensors.
- ⤷
What are the pinout configurations for the MAH75TCD-R sensor?
- ⤷ How do I calibrate this sensor for Hydrogen (H2) detection?
- ⤷ Does this sensor require a specific preheating time before accurate readings are possible?