Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MALSECA00AG347EARK

  • AI
    The part number **MALSECA00AG347EARK** corresponds to an Aluminum Electrolytic Capacitor manufactured by **Vishay**. It belongs to the **ECA** series, which is characterized by being a surface-mount (SMD) component designed for general-purpose applications. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Capacitance** | 47 µF | | **Voltage Rating** | 25 V | | **Tolerance** | ± 20% | | **Operating Temperature** | -40°C to +85°C | | **Endurance (Lifetime)** | 2000 hours at 85°C | | **Mounting Type** | Surface Mount (SMD) | | **Package / Case** | Radial Can - SMD | | **Series** | ECA (Standard) | --- ### Detailed Breakdown of Features #### 1. Capacitance and Voltage With a capacitance of **47 µF** and a voltage rating of **25V**, this component is typically used for decoupling, filtering, and smoothing in low-voltage DC circuits. It is sized to handle moderate ripple currents while maintaining a stable charge. #### 2. SMD Construction (V-Chip) The "ARK" suffix generally indicates the packaging and physical form factor. As a **V-Chip** style capacitor, it features a flat base plate suitable for automated pick-and-place assembly and reflow soldering, which is standard in modern PCB manufacturing. #### 3. Reliability and Endurance The component is rated for **2000 hours at 85°C**. This means that if operated at its maximum rated temperature and voltage, it is guaranteed to maintain its specifications for that duration. In practice, operating the capacitor at lower temperatures significantly extends its lifespan. --- ### Typical Applications * **Consumer Electronics:** Power supply filtering in televisions, gaming consoles, and audio equipment. * **Industrial:** Decoupling in control systems and sensor interfaces. * **DC/DC Converters:** Smoothing output voltage ripples in power management modules. --- ### Comparison with Similar Series | Series | Type | Main Feature | | :--- | :--- | :--- | | **ECA** | Standard | Cost-effective, general purpose. | | **EBA** | Low Impedance | Better for high-frequency switching. | | **ELA** | Long Life | Rated for 5000+ hours. | ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (Case Code) for the MALSECA00AG347EARK?
    • ⤷ Can this capacitor be used in automotive applications requiring AEC-Q200 qualification?
    • ⤷ What is the recommended reflow soldering profile for this Vishay ECA series?