AI

Based on the part number provided, **MALSECB00AG347DARK**, this component belongs to the **Vishay BCcomponents** aluminum electrolytic capacitor line, specifically the **150 RMI (Road Mountain Industrial)** series.
These are high-temperature, low-impedance radial capacitors designed for demanding industrial applications.
---
## 1. Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Vishay / BCcomponents |
| **Capacitance** | 470 µF (indicated by "347" in suffix) |
| **Voltage Rating** | 25V to 63V (Series dependent, typically 50V for this code) |
| **Termination Style** | Radial Leads |
| **Technology** | Aluminum Electrolytic |
| **Lifetime** | 4000 h to 10000 h at 105 °C |
| **Mounting Type** | Through-Hole |
---
## 2. Part Number Breakdown
While manufacturer coding can be complex, the suffix **"DARK"** and the body of the code reveal the following:
* **MAL**: Manufacturer Prefix (Vishay/BCcomponents).
* **SEC**: Series designator (often linked to the 150 RMI or 136 RVI series).
* **347**: Represents the capacitance. The "3" is the multiplier, and "47" is the base value (47 x 10^1 = 470 µF).
* **DARK**: This specific suffix usually refers to the **packaging and lead configuration** (e.g., Ammopack, taped, or specific lead spacing).
---
## 3. Key Electronic Features
These components are engineered for stability and longevity. Their primary electronic characteristics include:
### A. Low Impedance & ESR
Designed for high-frequency switching power supplies. They offer very low Equivalent Series Resistance (ESR), which minimizes heat generation during operation.
### B. High Ripple Current Capability
They can handle significant AC fluctuations on top of the DC voltage, making them ideal for filtering stages in DC/DC converters.
### C. Temperature Resilience
Rated for **105 °C**, these parts are suitable for automotive and industrial environments where ambient temperatures are high.
---
## 4. Common Applications
* **Power Supplies:** Output filtering in SMPS (Switching Mode Power Supplies).
* **Audio/Video:** Smoothing and decoupling in signal processing.
* **Industrial:** Control units, sensors, and motor drives.
* **Telecommunications:** Power infrastructure stability.
- ⤷
What is the exact lead spacing for the DARK packaging suffix?
- ⤷ Can this capacitor be used as a direct replacement for the 136 RVI series?
- ⤷ What is the maximum ripple current rating for the 470uF variant?