Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MAXQ2000-RFX

  • AI
    The **MAXQ2000-RFX** is a evaluation and development platform centered around the **MAXQ2000**, which is a high-performance, low-power 16-bit RISC microcontroller from Maxim Integrated (now part of Analog Devices). The "RFX" designation typically refers to its integration or bundling with radio frequency (RF) evaluation capabilities or specific reference designs. Below is a breakdown of its primary electronic components and architecture. --- ### 1. Core Processor: MAXQ2000 The heart of the board is the MAXQ2000 microcontroller, known for its "Single-Cycle" instruction execution. | Feature | Specification | | :--- | :--- | | **Architecture** | 16-bit RISC (MAXQ20) | | **Clock Speed** | Up to 20 MHz | | **Flash Memory** | 64 KB | | **Data RAM** | 2 KB | | **Operating Voltage** | 1.8V to 2.75V (Core) | | **Execution Speed** | Most instructions execute in 1 clock cycle | --- ### 2. Peripheral Integration The MAXQ2000-RFX includes several on-chip peripherals that make it suitable for industrial and wireless sensing applications: * **LCD Controller:** Built-in support for driving up to 132 segments. * **SPI/UART Interfaces:** Dual hardware serial ports for communicating with RF modules or sensors. * **16-Bit Timers:** Multiple timers for PWM generation and pulse timing. * **Hardware Multiplier:** A dedicated 16x16-bit multiply-accumulate (MAC) unit for digital signal processing tasks. --- ### 3. The "RF" and Interface Components In the RFX configuration, the board is designed to interface with transceiver modules (like the MAX1472/MAX1473 or MAX7032). #### Key External Parts: 1. **Crystal Oscillators:** Typically includes a 16MHz or 20MHz crystal for the CPU and a separate low-frequency 32.768kHz crystal for the Real-Time Clock (RTC). 2. **Power Management:** LDO (Low Dropout) regulators to convert external power (USB or Battery) to the 1.8V/2.5V required by the MCU. 3. **JTAG Header:** A standard interface used for in-circuit debugging and programming. 4. **GPIO Headers:** Breakout pins used to connect to RF front-ends, external sensors, or logic analyzers. --- ### 4. Low Power Features One of the most critical aspects of the MAXQ2000 electronic design is power efficiency, which is vital for RF-linked battery devices: ```c // Example: Entering Low Power Mode in MAXQ void goToSleep() { ICR_bit.STOP = 1; // Set the STOP bit to halt the clock // Device stays in ultra-low power until an interrupt occurs } ``` * **Stop Mode:** Turns off the internal oscillator (~2µA draw). * **Low Power Segment:** Ability to run the RTC while the rest of the chip is powered down. --- ### 5. Application Focus The MAXQ2000-RFX is primarily used for developing: * **Wireless Thermostats** * **Remote Keyless Entry (RKE) Systems** * **Automatic Meter Reading (AMR)** * **Home Automation Gateways**
    ✨ Follow-up Questions
    • ⤷ What are the specific RF transceiver modules compatible with the MAXQ2000-RFX?
    • ⤷ How does the MAXQ architecture achieve single-cycle instruction execution?
    • ⤷ What software tools are required to program the MAXQ2000 flash memory?