Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MC12013P

  • AI
    ### Overview of the MC12013P The **MC12013P** is a high-speed **Dual Modulus Prescaler** integrated circuit, historically manufactured by Motorola (now ON Semiconductor). It is primarily used in frequency synthesizer applications to divide a high-frequency input signal by a specific ratio, allowing a lower-frequency Phase-Locked Loop (PLL) to control a high-frequency Voltage-Controlled Oscillator (VCO). --- ### Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Logic Family** | MECL (Motorola Emitter Coupled Logic) | | **Maximum Frequency** | Typically 600 MHz | | **Division Ratios** | Divide-by-10 ($\div 10$) or Divide-by-11 ($\div 11$) | | **Supply Voltage ($V_{CC}$)** | Typically +5.0V (Standard Logic Level) | | **Package Type** | PDIP-8 (Plastic Dual In-line Package, 8 pins) | | **Operating Temp Range** | 0°C to +75°C | --- ### Pin Configuration and Functionality The MC12013P uses a compact 8-pin layout. Below is a breakdown of the pin functions: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **$V_{CC}$** | Positive Power Supply (+5V). | | 2 | **Input** | The high-frequency signal to be divided. | | 3 | **Input Bar** | The complementary high-frequency input. | | 4 | **$V_{BB}$** | Reference voltage output for AC-coupled inputs. | | 5 | **Control** | Modulus Control input (determines $\div 10$ or $\div 11$). | | 6 | **Output** | The divided frequency output signal. | | 7 | **Output Bar** | The complementary divided frequency output. | | 8 | **$V_{EE}$** | Ground (0V). | --- ### Core Principles of Operation 1. **Dual Modulus Logic:** The device changes its division ratio based on the logic level applied to the **Control Input** (Pin 5). * **High Logic:** The device divides the input frequency by **10**. * **Low Logic:** The device divides the input frequency by **11**. 2. **MECL Technology:** Because it uses Emitter Coupled Logic (ECL), it is extremely fast compared to standard CMOS or TTL logic of its era, making it ideal for RF (Radio Frequency) applications. 3. **Signal Conditioning:** The inputs are typically AC-coupled. The $V_{BB}$ pin provides a reference point to bias the input signal to the center of the switching threshold for maximum sensitivity. --- ### Common Applications * **Frequency Synthesizers:** Used in the feedback loop of a PLL to manage high frequencies. * **Radio Receivers/Transmitters:** For tuning stages in VHF and UHF communication equipment. * **High-Speed Counters:** In scientific instrumentation where high-speed clock division is required.
    ✨ Follow-up Questions
    • ⤷ How does the Control input interface with a standard CMOS microcontroller?
    • ⤷ What is the typical power consumption of the MC12013P during operation?
    • ⤷ Are there modern SMD equivalents for the MC12013P?