Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MCSO2HV

  • AI
    The **MCSO2HV** is a high-performance, high-stability oscillator specifically designed for high-temperature and harsh environment applications. It is part of the MCSO (Micro-Crystal Silicon Oscillator) family, commonly utilized in aerospace, down-hole drilling, and geothermal industries. Below is a breakdown of its electronic components, specifications, and architecture. ### 1. Technical Specifications The MCSO2HV stands out due to its ability to operate at temperatures reaching up to **210°C**. | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage (Vdd)** | 2.5V, 3.3V, or 5.0V | | **Operating Temp Range** | -55°C to +210°C | | **Output Waveform** | CMOS / TTL Compatible | | **Package Style** | SMD Ceramic Package (e.g., 5.0 x 7.5 mm) | | **Current Consumption** | Low power (typically < 10 mA) | --- ### 2. Internal Architecture and Electronic Parts The device is a "Hybrid" component, meaning it integrates several electronic sub-systems into a single hermetically sealed package: #### A. The Quartz Resonator * **Material:** Uses a high-quality, synthetic AT-cut or SC-cut quartz crystal. * **Function:** Provides the mechanical resonance that determines the frequency. For the "HV" (High Voltage/High Temp) variant, the crystal is mounted using specialized stress-compensated structures to prevent frequency shifting under extreme heat. #### B. The CMOS Integrated Circuit (IC) * **Oscillator Loop:** Contains the inverter and feedback resistors necessary to sustain oscillation. * **Frequency Divider:** Some models include internal dividers to produce lower frequencies from a high-frequency master crystal. * **Output Buffer:** A high-drive CMOS stage ensures the signal remains clean (square wave) even with capacitive loads from the PCB traces. #### C. Passives and Protection * **Internal Decoupling:** Small ceramic capacitors are often integrated within the multi-chip module to filter high-frequency noise on the Vdd line. * **Varistors/ESD Protection:** Built-in protection to handle electrostatic discharge during handling and assembly. --- ### 3. Key Electronic Features 1. **Low Aging:** The electronic aging process is minimized through a vacuum-sealed ceramic package, ensuring long-term frequency stability. 2. **High Shock/Vibration Resistance:** The internal mounting of the electronic parts is reinforced to withstand shocks up to 5000g, common in drilling or missile applications. 3. **Gold-Plated Terminations:** To prevent oxidation and ensure reliable soldering in high-temperature environments, the external pads are typically gold-plated (Au over Ni). ### 4. Typical Application Circuit In a standard electronic circuit, the MCSO2HV requires minimal external components: ```c // Simplified Connection Diagram [ Vdd ] ----+----( Pin 4: Vdd ) | [ 0.1uF Bypass Cap ] | [ GND ] ----+----( Pin 2: GND ) ( Pin 1: E/D ) -- [ Logic High to Enable ] ( Pin 3: Fout) -- [ Output to Microcontroller/FPGA ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the MCSO2HV and a standard TCXO?
    • ⤷ How does extreme temperature affect the frequency stability of this specific oscillator?
    • ⤷ Which soldering techniques are recommended for 210°C rated ceramic packages?