Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MCSP2425AS

  • AI
    The **MCSP2425AS** is a high-performance, microprocessor-based **Solid State Relay (SSR)** manufactured by Crydom (Sensata Technologies). It belongs to the **Series MC** family, specifically designed for **Proportional Controller** applications using a Soft Start feature. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic capabilities: | Feature | Specification | Description | |:---|:---|:---| | **Control Voltage** | 8-32 VDC | The input power required to run the internal logic. | | **Load Voltage** | 90-280 VAC | The operational AC voltage range for the load. | | **Load Current** | 25 Amps | The maximum continuous current the device can handle. | | **Switching Type** | Soft Start | Gradual ramp-up of power to prevent inrush current. | | **Analog Input** | 0-5 VDC, 0-10 VDC, or 4-20mA | The signal used to determine the output percentage. | --- ### 2. Internal Electronic Components The MCSP2425AS is more complex than a standard on/off relay. It contains several functional stages: #### A. Microprocessor Control Unlike basic SSRs, this unit contains a microcontroller that monitors the AC line voltage and the analog input. It calculates the exact moment to trigger the SCRs based on the desired power level. #### B. Back-to-Back SCRs The power switching is handled by two **Silicon Controlled Rectifiers (SCRs)** connected in an anti-parallel configuration. This design is more robust than a Triac, especially for industrial inductive or resistive loads. #### C. Optical Isolation The control circuitry (low voltage) is optically isolated from the load circuitry (high voltage). This protects the PLC or controller from surges on the AC line, typically providing up to **4000 Vrms** isolation. #### D. Zero-Crossing Detection The internal logic monitors the AC sine wave. For the "Soft Start" function, it utilizes phase-angle control or burst-fire control to increase the voltage delivered to the load over a set period (usually 0.1 to 20 seconds). --- ### 3. Connection Pinout (Terminal Block) The device features a 5-position screw terminal for low-voltage control and two heavy-duty lugs for the high-voltage load. | Terminal | Function | Purpose | |:---:|:---|:---| | **+V** | Positive Supply | 8-32 VDC Power for internal electronics. | | **-V** | Common Ground | Reference for power and signal. | | **S** | Signal Input | Analog input (e.g., 0-10V) to set power level. | | **E** | Enable | A logic input to turn the output on or off. | | **P** | Potentiometer | Connection for an external manual control knob. | --- ### 4. Typical Applications * **Heating Elements:** Preventing thermal shock in large resistive heaters. * **Lighting Systems:** Dimming and soft-start to extend bulb life. * **Motor Control:** Reducing mechanical stress during startup (limited to specific motor types).
    ✨ Follow-up Questions
    • ⤷What is the difference between phase-angle control and burst-fire control in this SSR?
    • ⤷ How do I calculate the heat sink requirements for the MCSP2425AS at 25A?
    • ⤷ Can this SSR be used with a 4-20mA current loop directly?