Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MCSP2425DM

  • AI
    The **MCSP2425DM** is a high-performance, microprocessor-controlled **Solid State Relay (SSR)** manufactured by Crydom (Sensata Technologies). This specific model belongs to the **Series MCSP** and is designed for soft-start power control of AC loads. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Feature | Specification | | :--- | :--- | | **Product Type** | Microprocessor Controlled SSR (Soft Start) | | **Operational Voltage** | 180 - 280 VAC | | **Load Current Rating** | 25 Amps | | **Control Voltage** | 8 - 32 VDC | | **Switching Type** | Phase Angle / Soft Start | | **Mounting Type** | Panel Mount | --- ### 2. Core Electronic Components & Functionality The MCSP2425DM differs from standard SSRs because it contains integrated logic for timing and power ramp-up. #### A. Microprocessor Control Unlike a standard SSR that is either "On" or "Off," this unit contains a **microcontroller** that manages the timing of the internal SCRs (Silicon Controlled Rectifiers). It monitors the AC line frequency and synchronizes switching. #### B. Soft-Start Feature (The "DM" Suffix) The "DM" indicates a specific ramp-up profile: - **Soft Start:** When the control voltage is applied, the device gradually increases the power to the load over a set period (typically 100ms to 1 second depending on the sub-model). - **Benefit:** This prevents high "inrush currents" that can damage sensitive components or trip circuit breakers (common with motors or high-wattage lamps). #### C. Power Output (SCRs) The output stage uses dual **SCRs** (Silicon Controlled Rectifiers) in an anti-parallel configuration. These are preferred over TRIACs for industrial loads because they offer: - Better thermal dissipation. - Higher tolerance for inductive loads. - Higher `dv/dt` ratings (resistance to false triggering from electrical noise). #### D. Optical Isolation To protect the low-voltage control side (8-32 VDC) from the high-voltage AC side (240V), the device uses **optical coupling**. An internal LED triggers a photosensitive element, ensuring there is no physical electrical connection between the input and output. --- ### 3. Application Use Cases * **Heating Elements:** Prevents thermal shock to resistive heaters. * **High-Power Lamps:** Increases the lifespan of filaments by avoiding sudden cold-start surges. * **Inductive Loads:** Useful for controlled startup of small AC motors or transformers. --- ### 4. Comparison to Standard SSRs | Feature | Standard SSR | MCSP2425DM | | :--- | :--- | :--- | | **Startup** | Instantaneous | Gradual (Soft Start) | | **Intelligence** | Discrete Logic | Microprocessor Based | | **Inrush Protection** | None | High | | **Complexity** | Low | Medium |
    ✨ Follow-up Questions
    • ⤷ What is the specific ramp-up time for the 'DM' suffix in this series?
    • ⤷ How should a heat sink be sized for a 25A load on this SSR?
    • ⤷ What are the wiring differences between the MCSP and the MCST series?