MDA-30A-R
AI

The **MDA-30A-R** is a specific model of a high-performance, high-breaking capacity fuse, typically manufactured by **Eaton (Bussmann Series)**. It is part of the MDA family of ceramic tube fuses designed for industrial and power supply applications.
---
## 1. Technical Specifications
The following table summarizes the key electronic characteristics of the MDA-30A-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 30 Amperes |
| **Voltage Rating (AC)** | 250 VAC |
| **Voltage Rating (DC)** | 125 VDC (Typical) |
| **Interrupting Rating** | 1,500A @ 250VAC |
| **Fuse Speed** | Time-Delay / Slow-Blow |
| **Body Material** | Ceramic Tube |
| **Contact Material** | Nickel-plated Brass Endcaps |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
## 2. Key Features and Construction
### Ceramic Body Design
Unlike glass fuses, the MDA series uses a **ceramic tube**. Ceramic is significantly stronger and can withstand higher internal pressures and temperatures. This allows the fuse to have a much higher **Interrupting Rating** (the ability to safely stop a high-current short circuit without exploding).
### Time-Delay (Slow-Blow) Characteristics
The MDA-30A-R is designed to handle temporary "inrush" currents.
- It will not blow immediately if there is a brief surge (like a motor starting).
- It will blow if the overcurrent persists, protecting the downstream electronics from sustained damage.
### The "-R" Suffix
In the Eaton/Bussmann naming convention, the **-R** stands for **RoHS Compliant**. This means the part is manufactured without lead or other hazardous substances restricted by European environmental standards.
---
## 3. Common Applications
The MDA-30A-R is frequently used in environments where high current and high reliability are required:
* **Industrial Control Panels:** Protecting PLC outputs and motor starters.
* **Power Supplies:** Main input protection for high-wattage AC/DC converters.
* **Battery Chargers:** Handling high-current charging cycles.
* **HVAC Systems:** Protecting fan motors and compressors.
---
## 4. Equivalent Part Numbers
If the MDA-30A-R is unavailable, common equivalents include:
1. **Littelfuse:** 326 Series (e.g., 0326030.HXP)
2. **Bel Fuse:** Type GBP (e.g., GBP 30-R)
- ⤷
What is the difference between MDA and MDQ series fuses?
- ⤷ How do I test if an MDA-30A-R fuse is blown using a multimeter?
- ⤷ Can I replace a ceramic MDA fuse with a glass AGC fuse of the same amperage?