MDL-3/10-R
AI

## Understanding the MDL-3/10-R Electronic Component
The **MDL-3/10-R** is a specific type of electronic protection device, commonly known as a **Time-Delay Glass Tube Fuse**. It is part of the MDL series, which is a standard in the electronics industry for protecting circuits from overcurrent conditions.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the MDL-3/10-R:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | MDL-3/10-R |
| **Current Rating** | 3/10 Amp (0.3 Amps or 300mA) |
| **Voltage Rating** | 250V AC |
| **Fuse Type** | Glass Tube (Slo-Blo / Time-Delay) |
| **Dimensions** | 1/4" x 1-1/4" (6.35mm x 31.75mm) |
| **Material** | Glass body, Nickel-plated brass end caps |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Key Features and Meaning of the Part Number
The alphanumeric code provides specific details about the component's behavior:
* **MDL Series:** This prefix identifies it as a **Time-Delay** fuse. Unlike "Fast-Acting" fuses, these are designed to withstand temporary surges (like motor startups) without blowing immediately.
* **3/10:** Represents the amperage rating. In this case, it is $0.3$ Amperes.
* **-R:** Indicates that the part is **RoHS compliant**, meaning it is manufactured without hazardous materials like lead.
---
### 3. Applications
Because the MDL-3/10-R is a "Slo-Blo" fuse, it is typically used in devices where an initial high current is expected but should not trigger a safety shutdown unless the surge persists.
* **Consumer Electronics:** Power supplies for older audio/visual equipment.
* **Industrial Controls:** Small control transformers and solenoids.
* **HVAC Systems:** Used in thermostat circuits or control boards.
* **Protection:** Guarding sensitive components from short circuits while ignoring "inrush" current.
---
### 4. Safety and Replacement
When replacing an MDL-3/10-R, keep the following in mind:
1. **Never bypass a fuse:** Always replace it with one of the same amperage ($0.3A$) and voltage ($250V$).
2. **Timing Matters:** Do not replace an MDL (Time-Delay) fuse with an AGC (Fast-Acting) fuse, even if the amperage is the same, as the Fast-Acting fuse will likely blow instantly upon device startup.
- ⤷
What is the difference between an MDL and an AGC fuse?
- ⤷ Can I use a 3/10A fuse in a circuit rated for 1/2A?
- ⤷ How do I test if an MDL-3/10-R fuse is blown using a multimeter?