ME14XBG-R
AI

The **ME14XBG-R** is a specific electronic component, typically identified as a **Micro-Switch** or **Snap-Action Switch** manufactured by companies like **Zippy Technology Corp** (often used in automotive, industrial, and consumer electronics).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
These parameters define the electrical limits and physical behavior of the switch.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Current Rating** | 0.1A to 10.1A (Depending on voltage) |
| **Voltage Rating** | 125 / 250 VAC |
| **Operating Force** | ~150g - 200g (Varies by sub-model) |
| **Terminal Type** | PCB Terminals / Solder Lug |
| **Contact Resistance** | < 100 mΩ (Initial) |
| **Insulation Resistance** | > 100 MΩ (500V DC) |
---
## 2. Key Electronic Parts & Construction
The ME14XBG-R consists of several internal components that facilitate its "Snap-Action" mechanism:
### A. Contact System
* **Stationary Contacts:** Fixed points (Common, Normally Open, Normally Closed).
* **Movable Contact:** A spring-loaded arm that "snaps" between the fixed contacts when the actuator is pressed.
* **Material:** Usually silver alloy or gold-plated (for low-current signals) to ensure high conductivity and oxidation resistance.
### B. Actuator (The "BG" Designation)
* The "BG" in the part number often refers to the **Lever Type**.
* It typically features a **Simulated Roller Lever** or a **Short Hinge Lever**, which reduces the physical force required to trigger the electrical connection.
### C. Internal Spring Mechanism
* Utilizes a high-precision beryllium copper or stainless steel spring. This provides the "tactile click" and ensures the switch returns to its original state once pressure is released.
---
## 3. Terminal Configuration
The ME14XBG-R usually follows the standard 3-pin layout:
1. **COM (Common):** The input terminal.
2. **NO (Normally Open):** The circuit is open until the lever is pressed.
3. **NC (Normally Closed):** The circuit is closed until the lever is pressed.
---
## 4. Common Applications
Due to its reliability and precise travel distance, this part is commonly found in:
* **Automotive:** Door latch sensing, seatbelt detection.
* **Appliances:** Microwave door interlocks, vacuum cleaner power triggers.
* **Industrial:** Limit switches for CNC machines or 3D printers.
---
- ⤷
What is the difference between the ME14 and ME15 series switches?
- ⤷ How do I test an ME14XBG-R using a multimeter?
- ⤷ What are the environmental protection ratings (IP) for this specific switch?