ME28XAD-R
AI

## ME28XAD-R: Technical Overview
The **ME28XAD-R** is an **Electromagnetic Brake** unit, typically manufactured by companies like **Miki Pulley**. These components are integral to motion control systems where precise stopping and holding of a load are required.
---
### 1. Key Technical Specifications
The following table summarizes the general electronic and mechanical characteristics of the ME28XAD-R series:
| Parameter | Description |
| :--- | :--- |
| **Type** | Power-off Activated (Spring-Applied) Brake |
| **Rated Voltage** | Typically 24V DC or 90V DC (Varies by sub-model) |
| **Brake Torque** | Nominal static friction torque (varies by size/coil) |
| **Response Time** | High-speed engagement (typically <50ms) |
| **Mounting** | Flange mounted for motor integration |
| **Protection** | Dust-resistant housing |
---
### 2. Electronic Operating Principle
The ME28XAD-R operates on the **"Power-Off"** principle, which is a safety-critical design.
1. **Energized State (Power ON):**
* Electricity flows through the internal electromagnetic coil.
* The magnetic field pulls the armature plate against the coil body, compressing the internal springs.
* This releases the friction disc, allowing the motor shaft to rotate freely.
2. **De-energized State (Power OFF/Failure):**
* The magnetic field collapses.
* Internal springs push the armature plate against the friction disc.
* The shaft is clamped, providing a holding torque to prevent movement.
---
### 3. Connection and Circuit Components
To integrate the ME28XAD-R into an electronic system, several peripheral components are usually required:
* **DC Power Supply:** Must provide stable voltage to prevent "chatter" or partial engagement.
* **Protection Diode (Flyback Diode):** Since the brake is an inductive load, a diode must be placed across the terminals to protect the control PLC or relay from voltage spikes when the power is cut.
* **Switching Relay/SSR:** Used to control the 24V/90V DC line based on the motor's status.
---
### 4. Applications
* **Z-Axis Control:** Preventing CNC or Robot arms from falling due to gravity during power loss.
* **Conveyor Systems:** Precise positioning of goods.
* **Medical Equipment:** Ensuring stable positioning of imaging tables.
- ⤷
What is the exact wattage consumption of the ME28XAD-R coil?
- ⤷ How do I choose between a 24V and 90V DC configuration for this brake?
- ⤷ What is the recommended flyback diode rating for this inductive load?