Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ME28XBD-R

  • AI
    The **ME28XBD-R** refers to a high-performance **Brushless DC (BLDC) Motor** unit, commonly utilized in precision automation, industrial equipment, and high-end robotics. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications Overview The ME28 series is known for its compact diameter (28mm) and high torque-to-weight ratio. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Diameter** | 28 mm | | **Operating Voltage** | 12V - 24V DC | | **Commutation** | Electronic (requires external or internal driver) | | **Feedback** | Integrated Hall Effect Sensors (Optional Encoder) | | **Bearings** | High-precision Ball Bearings | --- ### 2. Key Electronic Components #### A. Stator and Windings * **Three-Phase Configuration:** The motor typically utilizes a 3-phase Y-connection. Electronic pulses are sent to these windings in a specific sequence to create a rotating magnetic field. * **High-Temperature Insulation:** The copper windings are coated with high-grade resin to prevent short circuits during high-load operations. #### B. The Rotor (Permanent Magnets) * **Rare Earth Magnets:** Usually contains Neodymium (NdFeB) magnets. Unlike brushed motors, the magnets are on the shaft (rotor), eliminating the need for carbon brushes and reducing electronic noise (EMI). #### C. Hall Effect Sensors * **Position Sensing:** The "BD" in the series often implies integrated sensors. Three Hall sensors are placed 120 degrees apart to detect the rotor's position. * **Signal Output:** These sensors provide digital feedback to the motor controller to ensure correct commutation timing. --- ### 3. Wiring and Connectivity The ME28XBD-R typically features an 8-pin or 5+3 pin interface: | Wire Type | Function | Description | | :--- | :--- | :--- | | **Phase Wires (3)** | Power (U, V, W) | High current lines that drive the motor coils. | | **Hall VCC/GND** | Logic Power | Usually 5V DC to power the internal sensors. | | **Hall Signals** | H1, H2, H3 | Feedback signals for the electronic speed controller (ESC). | --- ### 4. Implementation Requirements To operate this part effectively, the following electronic setup is required: 1. **BLDC Controller:** A logic-level controller capable of 3-phase PWM (Pulse Width Modulation). 2. **Power MOSFETs:** An H-Bridge or 3-phase inverter circuit to handle the current switching. 3. **Heat Management:** While efficient, high-speed operation requires a heat sink or airflow to protect the internal neodymium magnets from reaching their Curie temperature (losing magnetism). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ME28XBD-R and a standard brushed motor?
    • ⤷ Which motor controllers are compatible with the ME28 series?
    • ⤷ Can this motor be used for closed-loop position control?