AI

The **ME62XBA-R** typically refers to a specialized electronic component from the **ME62 series**, which are high-performance **Low Dropout (LDO) Linear Voltage Regulators**. These parts are commonly manufactured by companies like *Microne (Nanjing Micro One Electronics)*.
Below is a technical breakdown of the electronic characteristics and functions of this component.
---
## 1. Technical Specifications
The "ME62" series is designed for applications requiring low noise and low quiescent current. While the exact suffix (XBA-R) can vary slightly by manufacturer batch, the core specifications generally align with the following:
| Parameter | Typical Value |
| :--- | :--- |
| **Input Voltage Range** | Up to 6.5V - 18V (Series dependent) |
| **Output Voltage** | Usually fixed (e.g., 3.0V, 3.3V, 5.0V) |
| **Output Current** | 300mA to 500mA |
| **Dropout Voltage** | ~100mV - 300mV @ 100mA |
| **Quiescent Current** | 1.0μA to 3.0μA (Ultra-low power) |
| **Package Type** | SOT-23, SOT-89, or SOT-23-3 |
---
## 2. Component Pinout (Standard SOT-23)
Most LDOs in this series follow a standard three-terminal configuration:
1. **VSS (GND):** Ground pin.
2. **VOUT:** Regulated output voltage pin.
3. **VIN:** Unregulated input voltage pin.
---
## 3. Key Features
The ME62XBA-R is selected for specific circuit needs:
* **Low Quiescent Current ($I_Q$):** This is the "idle" power consumption. At ~1μA, it is ideal for battery-powered devices to extend shelf life.
* **High Ripple Rejection (PSRR):** It filters out noise from the power supply, making it suitable for RF (Radio Frequency) and sensitive analog circuits.
* **Built-in Protections:** Usually includes over-current protection and thermal shutdown to prevent the chip from burning out during a short circuit.
* **Low ESR Capacitor Compatibility:** It is designed to be stable even with small ceramic capacitors, saving PCB space.
---
## 4. Typical Applications
This part is commonly found in:
* **IoT Devices:** Sensors and wireless modules (ESP8266/ESP32 peripherals).
* **Portable Electronics:** MP3 players, digital cameras, and handheld scanners.
* **Reference Voltage:** Providing a steady voltage to Microcontrollers (MCUs) or Analog-to-Digital Converters (ADCs).
* **Battery Powered Equipment:** Any device running on Li-ion or Alkaline batteries where efficiency is critical.
---
## 5. Part Number Breakdown (Example)
* **ME:** Manufacturer Code (Microne).
* **62:** Series identifier (LDO Regulator).
* **X:** Voltage designator (e.g., A=3.0V, B=3.3V—check specific datasheet).
* **BA:** Package/Accuracy designator.
* **-R:** Tape and Reel packaging.
- ⤷
What is the exact output voltage for the 'B' variant of the ME62 series?
- ⤷ How does the dropout voltage affect battery efficiency in this LDO?
- ⤷ What are the recommended input and output capacitor values for the ME62XBA-R?