MEH22XBA-R
AI

The **MEH22XBA-R** is a specific electronic component, typically categorized as a **High-Voltage Ceramic Disc Capacitor** (often manufactured by companies like Walsin or similar passive component specialists). These parts are critical for power management and circuit protection.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Capacitance** | 22pF (Indicated by "22") |
| **Voltage Rating** | High Voltage (Often 1KV to 3KV range) |
| **Tolerance** | ±5% or ±10% (Depending on suffix) |
| **Dielectric Material** | SL or NPO (Stable temperature coefficients) |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Termination** | Lead-free / RoHS Compliant |
---
### 2. Physical Construction
The "MEH" series generally follows a standard disc capacitor architecture:
* **Ceramic Dielectric:** A thin disc of ceramic material acts as the insulator.
* **Silver Electrodes:** Screen-printed onto both sides of the ceramic disc.
* **Coating:** Encapsulated in a flame-retardant epoxy resin (usually blue or brown) to protect against moisture and arcing.
* **Leads:** Tin-plated copper wires for soldering onto a Printed Circuit Board (PCB).
---
### 3. Key Functions and Applications
These components are designed for high-stress environments. Their primary roles include:
#### A. Snubber Circuits
Used in switching power supplies to absorb "voltage spikes" created by transformers or inductors, preventing damage to transistors.
#### B. Lighting Ballasts
Commonly found in LED drivers and fluorescent lighting circuits to stabilize high-voltage starters.
#### C. EMI/RFI Filtering
Acting as a filter to suppress electromagnetic interference in household appliances and industrial machinery.
#### D. Coupling and Decoupling
Allowing AC signals to pass while blocking DC, specifically in high-voltage paths of CRT monitors or power grid interfaces.
---
### 4. Part Number Decoder (Typical)
While naming conventions vary slightly by manufacturer, the code usually breaks down as follows:
* **MEH:** Series Identifier (High Voltage Disc).
* **22:** Capacitance value (22).
* **X:** Multiplier (In this case, representing pF).
* **BA:** Tolerance and Temperature Coefficient codes.
* **R:** RoHS Compliant / Taping & Reel packaging.
---
- ⤷
What is the exact voltage rating for the 'BA' suffix in this series?
- ⤷ How does this capacitor compare to a multilayer ceramic capacitor (MLCC)?
- ⤷ What are the soldering temperature requirements for the MEH22XBA-R?