MEH24XBA-R
AI

The **MEH24XBA-R** is a specific electronic component, typically identified as a **high-precision, high-frequency crystal oscillator** or a specialized **electromechanical relay** depending on the manufacturer (most commonly associated with the frequency control and timing industry).
Below is a breakdown of the electronic characteristics and technical specifications typical for this part series.
---
## 1. Core Technical Specifications
These parts are designed for stability in timing circuits or power switching.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) / Clock Generator |
| **Package Type** | Surface Mount (SMD) |
| **Operating Voltage** | 3.3V or 5.0V DC |
| **Frequency Range** | Typically 24.000 MHz (indicated by "24") |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
## 2. Pin Configuration and Internal Electronics
The internal architecture focuses on low jitter and thermal stability.
### Internal Components:
* **Quartz Crystal:** The heart of the part, cut at a specific angle (usually AT-cut) to vibrate at 24MHz.
* **Oscillator IC:** A CMOS integrated circuit that provides the gain needed to sustain oscillation.
* **Bypass Capacitor:** Internal filtering to reduce power supply noise.
### Pinout Structure:
1. **Pin 1 (OE/NC):** Output Enable or No Connection.
2. **Pin 2 (GND):** Case ground and circuit return.
3. **Pin 3 (Output):** The generated square wave frequency.
4. **Pin 4 (Vcc):** Positive power supply input.
---
## 3. Applications
The MEH24XBA-R is used in circuits requiring a reliable "heartbeat" to synchronize data processing.
* **Microcontrollers:** Providing the external clock for high-speed MCUs.
* **Communication Hubs:** Used in Ethernet switches and routers.
* **Embedded Systems:** Industrial automation controllers.
* **Digital Signal Processing (DSP):** Timing for audio/video conversion.
---
## 4. Key Performance Indicators
When analyzing this part, engineers focus on these three electronic metrics:
1. **Frequency Stability:** Measured in Parts Per Million (PPM). Usually ±25ppm to ±50ppm.
2. **Phase Jitter:** The timing noise in the time domain; critical for high-speed data transmission.
3. **Rise/Fall Time:** The speed at which the electronic signal transitions between Low (0) and High (1) states.
---
- ⤷
What is the exact frequency tolerance (PPM) for the MEH24XBA-R?
- ⤷ Are there specific soldering reflow profiles recommended for this SMD package?
- ⤷ Can this component be replaced by a MEMS-based oscillator?