MEPF-11P2-R
AI

The **MEPF-11P2-R** is a specific electronic hardware component, typically identified as a **high-current Power Inductor** (often associated with manufacturers like Chilisin or similar power electronic component providers). These parts are critical in DC-DC converters and power management modules.
---
### 1. Component Overview
The MEPF series belongs to the family of **Molded Power Inductors**. These are designed to handle high saturation currents while maintaining a compact surface-mount (SMD) footprint.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Power Inductor (Molded) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Core Material** | Carbonyl Iron / Metal Alloy Powder |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Key Electronic Characteristics
The "11P2" in the part number usually refers to the physical dimensions (approximately 11mm x 11mm). Below are the typical electronic behaviors of this part:
* **Low DCR (DC Resistance):** It uses flat wire or thick copper windings to minimize power loss due to heat.
* **High Saturation Current ($I_{sat}$):** Because it uses a metal alloy mold, it does not have a "hard" saturation point. This means it can handle spikes in current without the inductance dropping to zero instantly.
* **Low Acoustic Noise:** The molded construction encapsulates the coil, reducing the "buzzing" sound caused by magnetostriction.
* **Operating Frequency:** Optimized for high-frequency switching regulators (typically up to 5MHz).
---
### 3. Pinout and Physical Structure
While inductors are non-polar (they can be placed in either direction), the physical structure of the MEPF-11P2-R is optimized for stability:
```text
Top View
________________
| |
| Marking | <-- (e.g., R47 for 0.47uH)
| Code |
|________________|
[Pad 1] [Pad 2] <-- Large solder pads for high current
```
---
### 4. Common Applications
These parts are found in demanding power circuits where efficiency and space are priorities:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power supplies.
2. **Industrial Power Supplies:** For high-efficiency DC-DC converters.
3. **Automotive Electronics:** Infotainment and ADAS systems (if grade-rated).
4. **Battery Powered Devices:** Where low DCR helps extend battery life.
---
- ⤷
What is the specific inductance value for the R47 vs 1R0 version of this series?
- ⤷ How does a molded inductor differ from a traditional wire-wound ferrite inductor?
- ⤷ What are the thermal limits for the MEPF-11P2-R during peak load?