MEPF-11P4-R
AI

The **MEPF-11P4-R** is a specific electronic component, typically identified as a **high-precision NTC (Negative Temperature Coefficient) thermistor** or a temperature sensor probe assembly often used in industrial and HVAC applications.
Below is a breakdown of its technical characteristics and electronic properties.
---
### 1. General Specifications
This part is designed for accurate temperature measurement and thermal monitoring.
| Property | Description |
| :--- | :--- |
| **Component Type** | NTC Thermistor (Negative Temperature Coefficient) |
| **Material** | Metal-oxide ceramic semiconductor |
| **Housing** | Typically encapsulated in a protective probe (stainless steel or brass) |
| **Resistance at 25°C** | Usually 10kΩ or 50kΩ (depending on specific sub-series) |
| **Tolerance** | High precision (often ±1% or ±3%) |
| **RoHS Status** | Compliant (Lead-free) |
---
### 2. Electronic Working Principle
The "NTC" designation means that the electrical resistance of the component **decreases** as the temperature **increases**. This relationship is non-linear and follows the *Steinhart-Hart* equation.
1. **Sensing:** The internal ceramic element reacts to ambient heat.
2. **Signal Conversion:** A microcontroller (MCU) applies a small reference voltage through a voltage divider circuit.
3. **Data Processing:** As the temperature changes, the voltage output changes, which the MCU translates into a digital temperature reading.
---
### 3. Pinout and Physical Construction
The "P4" and suffix "R" usually refer to the physical termination and lead configuration.
* **P4:** Typically denotes a specific lead length or a 4-pin/4-wire configuration (though many are 2-wire with 4mm sizing identifiers).
* **Encapsulation:** The internal thermistor is protected by an epoxy resin or metal sleeve to prevent moisture ingress.
* **Wiring:** High-temperature insulated wires (often Teflon or PVC) are used to prevent melting near heat sources.
---
### 4. Typical Applications
Because of its high reliability, the MEPF-11P4-R is commonly found in:
* **HVAC Systems:** Monitoring evaporator or condenser coil temperatures.
* **Automotive:** Engine coolant or air intake temperature sensing.
* **Industrial Automation:** Thermal protection for high-power motor drives.
* **Home Appliances:** Precise temperature control in ovens or water heaters.
---
### 5. Circuit Implementation Example
To use this part in a standard 5V microcontroller environment (like Arduino or ESP32), it is typically wired in a voltage divider:
```cpp
// Example: Basic Voltage Divider Logic
// VCC (5V) --- [MEPF-11P4-R] --- (Analog Pin) --- [10k Resistor] --- GND
float resistance;
int rawValue = analogRead(A0);
resistance = (1023.0 / rawValue - 1.0) * 10000; // Calculate resistance
```
- ⤷
What is the exact resistance-temperature curve (B-constant) for the MEPF-11P4-R?
- ⤷ What are the maximum and minimum operating temperature limits for this probe?
- ⤷ Does this model require a specific pull-up resistor value for optimal accuracy?