Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MERP-11P3-R

  • AI
    The **MERP-11P3-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Power Inductor**. These parts are designed for high-efficiency power management circuits, specifically within DC-DC converters and voltage regulator modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard naming convention for magnetic components. While exact specifications can vary slightly by manufacturer (often associated with brands like **Chilisin** or **Mag.Layers**), the typical parameters are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Molded Power Inductor | | **Inductance** | 1.1 µH (Nominal) | | **Tolerance** | ±20% (Typical for "M" designation) | | **Construction** | Metal Alloy Powder (Shielded) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Electronic Characteristics #### A. High Saturation Current ($I_{sat}$) Due to its molded metal powder construction, the MERP-11P3-R handles high peak currents without the inductance dropping off sharply. This is critical for preventing circuit failure during power spikes. #### B. Low DC Resistance (DCR) The internal copper winding is designed to have very low resistance. This minimizes power loss (heat) and maximizes the battery life/efficiency of the device it is integrated into. #### C. Magnetic Shielding The "Molded" design means the coil is encased in a magnetic metal powder resin. This provides: - **EMI Reduction:** Lower electromagnetic interference with surrounding components. - **Physical Ruggedness:** Protection against mechanical shock and vibration. --- ### 3. Applications This part is commonly found in the following electronic environments: * **Mobile Devices:** Smartphones and tablets (CPU/GPU power rails). * **Computing:** Laptops and SSD power management. * **Telecommunications:** Distributed power systems and base stations. * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies. --- ### 4. Footprint and Dimensions The "P3" or similar codes in the suffix often denote the physical size (Package Code). For this series, it usually refers to a compact footprint (e.g., 2.0mm x 1.6mm or 2.5mm x 2.0mm), allowing for high-density PCB layouts. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for the MERP-11P3-R?
    • ⤷ How does a molded inductor differ from a traditional wire-wound ferrite inductor?
    • ⤷ Which manufacturers are the primary suppliers for the MERP series?