Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MERP-12M3-R

  • AI
    The **MERP-12M3-R** is a high-performance, industrial-grade power module, specifically a DC-DC converter. It is part of the MERP series designed for applications requiring high reliability, such as telecommunications, industrial automation, and data processing systems. ### 1. Key Technical Specifications Below are the primary electronic characteristics of the MERP-12M3-R: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (Nominal 12V) | | **Output Voltage** | 3.3V DC (Fixed) | | **Output Current** | 3A (Maximum) | | **Efficiency** | ~85% - 90% (Load dependent) | | **Isolation** | 1500V DC (Input to Output) | | **Package Type** | Through-hole / DIP Module | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the MERP-12M3-R typically consists of several critical stages: #### A. Input Filtering * **Capacitor Bank:** Uses low-ESR electrolytic or ceramic capacitors to suppress ripple current and protect the module from voltage spikes. * **EMI Suppression:** Often includes an internal inductor to minimize electromagnetic interference. #### B. Power Conversion Stage * **PWM Controller:** A high-frequency Pulse Width Modulation chip regulates the switching cycle to maintain a steady 3.3V output regardless of input fluctuations. * **MOSFET Switches:** High-efficiency Gallium Nitride (GaN) or Silicon FETs act as the primary switches for energy transfer. #### C. Magnetic Isolation * **Planar Transformer:** A compact transformer provides the 1500V DC isolation between the input (primary) and output (secondary) stages, ensuring safety and noise decoupling. #### D. Output Rectification & Regulation * **Synchronous Rectification:** Uses MOSFETs instead of diodes on the output side to reduce power loss and heat generation. * **Feedback Loop:** An optocoupler sends voltage information back across the isolation barrier to the PWM controller for precise regulation. --- ### 3. Protection Features The module includes built-in safety mechanisms to prevent damage to the connected electronics: 1. **Over-Current Protection (OCP):** Automatically limits current if the load exceeds 3A. 2. **Short-Circuit Protection (SCP):** The module enters "hiccup mode" until the short is removed. 3. **Over-Voltage Protection (OVP):** Clamps the output to prevent damage to sensitive 3.3V logic components. 4. **Thermal Shutdown:** Powers down the unit if internal temperatures exceed safe operating limits. --- ### 4. Typical Connection Diagram ```text [ Input ] [ MERP-12M3-R ] [ Output ] (9V - 18V) ----------> [ +Vin +Vout ] ----------> (3.3V @ 3A) [ -Vin -Vout ] [ Ctrl ] (Remote On/Off) ```
    ✨ Follow-up Questions
    • ⤷What is the typical pinout configuration for the MERP-12M3-R?
    • ⤷ How does the 'Remote On/Off' control pin function in this module?
    • ⤷ Can multiple MERP-12M3-R units be connected in parallel for higher current?