Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MF-RHS600

  • AI
    ## Overview of the MF-RHS600 The **MF-RHS600** is a high-temperature, radial-leaded **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse manufactured by Bourns. It is specifically designed for circuit protection in environments where operating temperatures are elevated. --- ### 1. Technical Specifications | Parameter | Value | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 6.0 Amperes | | **Trip Current ($I_{trip}$)** | 10.2 Amperes | | **Maximum Voltage ($V_{max}$)** | 16 Volts | | **Maximum Current ($I_{max}$)** | 100 Amperes | | **Operating Temperature** | -40 °C to +125 °C | | **Power Dissipation** | 4.1 Watts (Typical) | | **Mounting Type** | Through-hole (Radial Leaded) | --- ### 2. Core Functional Components The MF-RHS600 functions based on the physical properties of its internal materials: * **Conductive Polymer Matrix:** The device consists of a non-conductive plastic crystalline polymer mixed with carbon black particles. Under normal conditions, these particles form a dense conductive network, allowing current to flow with low resistance. * **Expansion Mechanism:** When an overcurrent or overtemperature event occurs, the polymer heats up and undergoes a phase change from crystalline to amorphous. This causes the polymer to expand. * **Resistance Spike:** The expansion breaks the chains of carbon black particles, causing the resistance to increase exponentially. This effectively "opens" the circuit, limiting current flow to a safe leakage level. * **Reset Capability:** Once the fault is removed and the device cools down, the polymer contracts, the carbon chains reconnect, and the device returns to a low-resistance state. --- ### 3. Key Features and Applications #### Features * **High Temperature Rating:** Unlike standard PPTCs that trip easily at 85°C, the RHS series is rated up to **125°C**, making it ideal for engine compartments or industrial machinery. * **RoHS Compliant:** Lead-free and halogen-free construction. * **Fast Time-to-Trip:** Optimized to react quickly to short circuits. #### Typical Applications * **Automotive Electronics:** Protection for motors, actuators, and ECU power lines. * **Industrial Controls:** Overcurrent protection in high-heat factory environments. * **Power Supplies:** Secondary protection for DC-DC converters. --- ### 4. Resistance Characteristics (Reference) ```cpp // General Resistance Behavior of MF-RHS600 R_initial = 0.005 Ohms; // Very low initial resistance R_tripped = MegaOhms; // Resistance shifts to high kOhm/MOhm range R_final = 0.015 Ohms; // Post-trip resistance (slightly higher than initial) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MF-RHS series and the standard MF-RX series?
    • ⤷ How does ambient temperature affect the hold current of the MF-RHS600?
    • ⤷ What are the soldering guidelines to prevent damaging this PPTC?