Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MF-RX018SLASH250-0

  • AI
    The **MF-RX018/250-0** (also known as MF-RX018/250) is a specific electronic component known as a **Resettable PTC (Positive Temperature Coefficient) Fuse**, manufactured by Bourns. These devices are often called "Polyfuses" or "Multifuses." --- ### 1. Key Technical Specifications Below are the critical electrical characteristics for this specific part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.18 A (180 mA) | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.36 A (360 mA) | The minimum current at which the device is guaranteed to trip. | | **Max Voltage ($V_{max}$)** | 250 V | Maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 3.0 A | The maximum fault current the device can safely interrupt. | | **Resistance ($R_{min}/R_{1max}$)** | 2.0 / 7.0 $\Omega$ | Resistance range before and after tripping. | | **Mounting Type** | Through-Hole | Radial leaded package. | --- ### 2. Functional Principles The MF-RX018/250-0 operates based on thermal physics: 1. **Normal Operation:** At currents below $I_{hold}$, the internal conductive polymer maintains a low-resistance path, allowing current to flow to the load. 2. **Fault Condition:** If a short circuit or overcurrent occurs ($I_{trip}$), the $I^2R$ heating causes the polymer to expand. 3. **Tripped State:** The expansion breaks the conductive chains, causing the resistance to increase exponentially, effectively "opening" the circuit. 4. **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse resets to a low-resistance state. --- ### 3. Applications and Use Cases Because of its high voltage rating (250V) and low hold current, this part is specifically designed for: * **Telecommunications:** Protection against "power cross" (AC power lines touching phone lines). * **Customer Premise Equipment (CPE):** Modems, routers, and set-top boxes. * **Power Supplies:** Secondary protection for low-power transformers. * **Industrial Controls:** Protecting signal lines from accidental high-voltage contact. --- ### 4. Comparison: PTC vs. Standard Fuse | Feature | PTC (MF-RX018/250-0) | Standard Wire Fuse | | :--- | :--- | :--- | | **Life Cycle** | Resettable many times | One-time use (must be replaced) | | **Speed** | Relatively slow (thermal) | Can be very fast (fast-blow) | | **Resistance** | Higher | Very Low | | **Leakage** | Small leakage current when tripped | Zero leakage (air gap) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the hold current and the trip current in practical design?
    • ⤷ How does ambient temperature affect the performance of this PTC fuse?
    • ⤷ Are there surface-mount (SMD) equivalents for the MF-RX018 series?