Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MF1303T-R15

  • AI
    ## Technical Overview: MF1303T-R15 The **MF1303T-R15** is a high-performance, surface-mount (SMD) power inductor. It is primarily designed for high-current power supply circuits, particularly in DC-DC converters where space is limited and efficiency is critical. --- ### 1. Key Technical Specifications | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Inductance** | 0.15 | µH (Microhenries) | | **Tolerance** | ±20% | - | | **DC Resistance (DCR)** | ~0.60 (Max) | mΩ | | **Saturation Current (Isat)** | ~55.0 | A (Amperes) | | **Heating Current (Irms)** | ~35.0 | A (Amperes) | | **Operating Temperature** | -40 to +125 | °C | | **Size Code** | 1303 (approx. 13.5 x 12.6 mm) | Metric | --- ### 2. Core Features & Construction * **Magnetic Metal Powder Core:** Unlike traditional ferrite cores, this part uses a metal alloy powder. This allows for a "soft saturation" characteristic, meaning the inductance drops gradually rather than abruptly when current increases. * **Low Profile/Small Footprint:** The "1303" designation indicates a relatively large footprint but a thin vertical profile (approx. 3.5mm height), making it suitable for compact motherboard layouts. * **Shielded Construction:** The molded design provides inherent magnetic shielding, which minimizes Electromagnetic Interference (EMI) with surrounding components. * **Low DCR:** The use of thick flat-wire or specialized copper leads results in extremely low DC resistance, which reduces power loss and heat generation. --- ### 3. Common Applications This component is typically found in high-demand power stages: 1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery on high-end motherboards. 2. **Point of Load (PoL) Converters:** Providing stable low-voltage/high-current power to FPGAs and ASICs. 3. **Server Power Supplies:** Where high efficiency and thermal stability are required. 4. **Battery Powered Systems:** To maximize battery life through efficient power conversion. --- ### 4. Comparison: Metal Composite vs. Ferrite Inductors ```markdown Comparison of Core Materials: - Metal Composite (MF1303T): - Handles higher peak currents without saturating. - Better thermal stability. - Higher EMI shielding efficiency. - Traditional Ferrite: - Lower core losses at very high frequencies. - Sharper saturation point (risk of circuit failure at peak loads). ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R15' suffix in the part number?
    • ⤷ How does the 'soft saturation' of a metal powder core prevent circuit damage?
    • ⤷ What are the recommended soldering profiles for this specific SMD package?