Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MF1501T-R15

  • AI
    The **MF1501T-R15** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply modules. It belongs to a class of metal composite inductors designed for high current density and low acoustic noise. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for this component: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.15 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.75 mΩ (Typical) | | **Rated Current (Irms)** | ~35A - 45A (Rise in temp) | | **Saturation Current (Isat)** | ~60A - 75A (Drop in inductance) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 15.0 x 15.0 mm (Approx.) | --- ### 2. Core Material and Construction The "MF" series generally utilizes a **metal alloy powder core**. Unlike traditional ferrite inductors, these parts offer: * **Soft Saturation:** The inductance decreases gradually as current increases, preventing sudden circuit failure. * **Molded Structure:** The wire coil is embedded directly into the metal powder body, which minimizes "coil hum" (acoustic noise) caused by magnetostriction. * **Shielded Design:** Naturally shielded by the composite body, reducing Electromagnetic Interference (EMI) with surrounding components. --- ### 3. Circuit Application In an electronic schematic, the MF1501T-R15 is primarily used for **filtering and energy storage**. ```cpp // Typical Usage Scenario: Buck Converter Output Stage [Input Voltage] --> [Switching MOSFETs] --> [MF1501T-R15 Inductor] --> [Output Vout] | [Filter Capacitor] | [GND] ``` #### Primary Functions: 1. **Voltage Regulation:** It smoothes the pulse-width modulated (PWM) signal from switching regulators into a steady DC voltage. 2. **Current Limiting:** It opposes rapid changes in current, protecting sensitive downstream components (CPUs, GPUs). 3. **High Frequency Efficiency:** Due to its low DCR (Direct Current Resistance), it minimizes power loss through heat (I²R loss). --- ### 4. Common Use Cases * **Computing:** VRM (Voltage Regulator Modules) for high-end Desktop and Server CPUs. * **Industrial:** High-current power supplies and motor controllers. * **Automotive:** Infotainment systems and ADAS modules (if AEC-Q200 qualified).
    ✨ Follow-up Questions
    • ⤷What is the significance of the R15 suffix in the part number?
    • ⤷ How does a metal composite core compare to a traditional ferrite core?
    • ⤷ What are the recommended soldering profiles for this SMD inductor?