MFC0402-R005FT5
AI

The **MFC0402-R005FT5** is a high-precision, surface-mount (SMD) metal foil low-ohmic chip resistor. It is primarily used for **current sensing** applications where high accuracy and stability are required.
---
### ## 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's core specifications:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **MFC** | Series | Metal Foil Low-Ohmic Chip Resistor |
| **0402** | Case Size | 0.4 x 0.2 inches (approx. 1.0 x 0.5 mm) |
| **R005** | Resistance | 0.005 $\Omega$ (or 5 m$\Omega$) |
| **F** | Tolerance | $\pm$1% |
| **T5** | Packaging | Taping (Reel) - usually 5k or 10k per reel |
---
### ## 2. Technical Specifications
This component is designed to handle current measurement with minimal power loss and high thermal stability.
* **Resistance Value:** 5 m$\Omega$ (Milliohms)
* **Power Rating:** Typically 0.125W to 0.25W (depending on manufacturer thermal management)
* **Temperature Coefficient (TCR):** Usually low (e.g., $\pm$50 to $\pm$100 ppm/°C), ensuring the resistance doesn't drift significantly as the circuit heats up.
* **Construction:** Metal foil on a ceramic substrate, providing better performance than standard thick-film resistors.
---
### ## 3. Key Features
1. **Low Inductance:** The metal foil construction results in very low self-inductance, making it ideal for high-frequency switching applications.
2. **High Precision:** The 1% tolerance (F) allows for accurate current measurement in feedback loops.
3. **Miniature Size:** The 0402 footprint is essential for compact modern electronics like smartphones and wearables.
4. **Low Thermal EMF:** Minimizes errors caused by temperature gradients across the component.
---
### ## 4. Common Applications
Since this is a shunt (current sensing) resistor, it is found in:
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion batteries.
* **DC-DC Converters:** Providing current feedback for voltage regulation.
* **Power Modules:** Over-current protection circuits.
* **Mobile Devices:** Power management IC (PMIC) peripheral circuits.
---
- ⤷
What is the maximum current this resistor can handle based on its power rating?
- ⤷ How does a metal foil resistor compare to a thick film resistor in terms of noise?
- ⤷ Can you provide the specific landing pattern dimensions for an 0402 package?