Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MFS-V-4A4-R

  • AI
    The **MFS-V-4A4-R** is a specific model within a series of **Magnetic Flow Sensors (MFS)**, typically used for measuring the flow rate of conductive liquids in industrial applications. Below is an explanation of its electronic components, specifications, and technical characteristics. --- ### 1. Key Technical Specifications The model name generally encodes the following electronic and physical attributes: | Feature | Specification | | :--- | :--- | | **Output Signal** | Pulse Output (Frequency proportional to flow) | | **Power Supply** | Typically 4.5V to 24V DC | | **Current Consumption** | Low (approx. 15mA) | | **Connection Type** | Standard connector or lead wires | | **Accuracy** | ±2% to ±5% (depending on flow range) | --- ### 2. Electronic Component Breakdown The internal circuitry of the MFS-V-4A4-R consists of several critical electronic parts: #### A. Hall Effect Sensor The "heart" of the device. As the internal turbine spins (driven by fluid), magnets embedded in the blades pass by the **Hall Effect IC**. This IC detects the change in the magnetic field and converts it into an electrical pulse. #### B. Signal Conditioning Circuitry The raw signal from the Hall sensor is often noisy. The internal electronics include: * **Voltage Regulator:** Ensures stable operation even if the input DC voltage fluctuates. * **Schmitt Trigger:** Squares the wave to provide a clean "Square Wave" pulse output, making it easier for a PLC or Microcontroller to read. #### C. Output Interface (NPN Open Collector) Most sensors in this series use an **NPN Open Collector** configuration. * **Logic:** When a magnetic pole is detected, the output pulls to Ground (GND). * **Wiring Requirement:** Requires an external **pull-up resistor** to the desired logic voltage (e.g., 5V or 24V) to function correctly with a controller. --- ### 3. Wiring Diagram (Electronic Interface) The device typically features three wires: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Positive Power Supply (4.5 - 24VDC) | | **Black** | GND | Ground / Common | | **Yellow/White** | Pulse Out | Square wave signal output | --- ### 4. Application Logic The electronic performance is measured by the **K-Factor**. `Flow Rate (L/min) = Pulse Frequency (Hz) / K-Factor` The electronics are designed to provide a linear relationship between the mechanical rotation of the turbine and the electrical frequency output, ensuring reliable data for flow monitoring systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific K-Factor for the MFS-V-4A4-R?
    • ⤷ Does this sensor require a specific pull-up resistor value for a 5V PLC?
    • ⤷ What are the fluid temperature limits for the electronic housing of this model?