Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MGE3JB1K00

  • AI
    The part number **MGE3JB1K00** typically refers to a **High Voltage Metal Glaze Fixed Resistor**, often manufactured by companies like **Stackpole Electronics** (MGE Series). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The alphanumeric code follows a specific naming convention that defines the resistor's physical and electrical properties. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | MGE | Metal Glaze High Voltage Resistor | | **Power Rating** | 3 (Watts) | 3W at 70°C | | **Tolerance** | J (±5%) | Resistance value accuracy | | **Packaging** | B | Bulk Packaging | | **Resistance Value** | 1K00 (1.0 kΩ) | 1,000 Ohms | | **Maximum Operating Voltage** | ~7,500V | High voltage capability (series dependent) | --- ## 2. Key Features * **Metal Glaze Element:** The resistive element consists of a thick film of glass and metal (glaze) fired onto a high-grade ceramic core. This provides high stability against environmental moisture and electrical stress. * **High Voltage Handling:** Unlike standard carbon film resistors, the MGE series is designed to handle significantly higher working voltages without arcing or breakdown. * **Non-Inductive Performance:** The construction allows for relatively low inductance, making it suitable for high-frequency pulse applications. * **Flameproof Coating:** The exterior is typically coated with a silicone-based, flameproof material for safety in overload conditions. --- ## 3. Applications Due to its high power and voltage ratings, the MGE3JB1K00 is commonly used in: 1. **Power Supplies:** Bleeder resistors for high-voltage capacitors. 2. **Medical Equipment:** X-ray machines and patient monitoring systems where voltage spikes occur. 3. **Industrial Controls:** Motor drives and heavy machinery surge protection. 4. **Measurement Devices:** High-voltage dividers and probes. --- ## 4. Part Number Breakdown (Syntax) To understand variations of this part, use this structure: ```text MGE 3 J B 1K00 | | | | | Series Size Tol. Pkg. Resistance (3W) (±5%) (Bulk) (1kΩ) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum surge voltage this resistor can withstand?
    • ⤷ Are there surface-mount (SMD) equivalents for the MGE series?
    • ⤷ How does the temperature coefficient (TCR) affect this resistor's performance?