Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MGFS302412-R

  • AI
    ## Overview of MGFS302412-R The **MGFS302412-R** is a high-reliability, high-performance DC-DC converter manufactured by **Cosel**. It belongs to the MGFS series, which is specifically designed for space-saving applications requiring high power density and a wide input voltage range. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Cosel | | **Input Voltage Range** | 9V to 36V DC (24V Nominal) | | **Output Voltage** | 12V DC | | **Output Current** | 2.5 A | | **Output Power** | 30 Watts | | **Efficiency** | 89% (Typical) | | **Isolation Voltage** | 1,500V DC (1 minute) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | Six-sided shielded metal case | --- ### 2. Main Features and Functions The MGFS302412-R includes several integrated protection and control features essential for industrial electronics: * **Wide Input Range (4:1):** It can handle large fluctuations in supply voltage, making it suitable for battery-operated systems or unstable industrial power grids. * **Remote On/Off:** Allows the system to control the power state of the converter electronically without a physical switch. * **Output Voltage Trimming:** The output voltage can be adjusted (typically ±10%) using an external resistor to compensate for voltage drops or specific load requirements. * **Built-in Protections:** * **Overcurrent Protection (OCP):** Automatically recovers when the fault is removed. * **Overvoltage Protection (OVP):** Protects sensitive downstream components. * **Low Voltage Lockout:** Prevents the device from operating under insufficient input voltage. --- ### 3. Physical Construction and Form Factor * **Standard Footprint:** It follows the industry-standard 1x1 inch (approx. 25.4 x 25.4 mm) footprint, making it highly compact for a 30W device. * **Six-Sided Shielding:** The metal casing acts as a shield to reduce Electromagnetic Interference (EMI), which is critical for sensitive communication or medical equipment. * **Convection Cooling:** Designed to operate effectively with natural convection, though derating may be required at higher temperatures. --- ### 4. Typical Applications Due to its robust design and wide input range, the MGFS302412-R is commonly found in: 1. **Industrial Automation:** Powering PLCs, sensors, and actuators. 2. **Telecommunications:** Supporting remote networking hardware. 3. **Test and Measurement:** Used in portable laboratory equipment. 4. **Transportation:** Handling 12V or 24V battery systems in vehicles.
    ✨ Follow-up Questions
    • ⤷ What are the specific derating curves for this part at temperatures above 50°C?
    • ⤷ How do you calculate the resistor value for trimming the output voltage?
    • ⤷ What is the difference between the MGFS and the MGDS series from Cosel?