Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MH12FDD-R

  • AI
    The **MH12FDD-R** is an electronic component primarily classified as a **Miniature High-Power Relay**. These components are frequently used in automotive electronics, industrial automation, and household appliances for switching high-current loads using a low-power control signal. --- ### 1. Key Technical Specifications The following table summarizes the typical electrical and mechanical characteristics of the MH12FDD-R series: | Feature | Specification (Typical) | | :--- | :--- | | **Coil Voltage** | 12V DC | | **Contact Arrangement** | 1 Form C (SPDT) or 1 Form A (SPST) | | **Max Switching Current** | 15A to 20A (depending on load type) | | **Max Switching Voltage** | 250V AC / 30V DC | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) | | **Mounting Type** | PCB (Through-hole) | | **Dielectric Strength** | 1,000V AC (between open contacts) | --- ### 2. Internal Components & Construction The MH12FDD-R consists of several critical electronic and mechanical parts: * **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when 12V DC is applied. * **Armature:** A moving iron part that is attracted by the magnetic field to close or open the contacts. * **Spring Mechanism:** Ensures the armature returns to its "Rest" position once power is removed from the coil. * **Stationary and Moving Contacts:** High-conductivity points that physically touch to complete the electrical circuit. * **Sealed Enclosure:** Usually a plastic "Flux-tight" or "Sealed" case to protect the internal parts from oxidation and dust. --- ### 3. Pinout Configuration While exact layouts can vary by manufacturer (often produced by brands like **Megatone** or **Songle** equivalents), the standard 5-pin configuration for this relay is: 1. **Coil Pin 1:** Input voltage (12V). 2. **Coil Pin 2:** Ground/Common for coil. 3. **Common (COM):** The main terminal connected to the moving contact. 4. **Normally Closed (NC):** Connected to COM when the coil is **off**. 5. **Normally Open (NO):** Connected to COM when the coil is **on**. --- ### 4. Typical Applications * **Automotive:** Central locking systems, power windows, and lighting control. * **Industrial:** PLC output modules and motor starters. * **Consumer Electronics:** Air conditioner compressors and microwave oven controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'F' and 'D' suffixes in this part number?
    • ⤷ Can this relay be triggered directly by a microcontroller like an Arduino?
    • ⤷ What are the common failure modes for this type of electromagnetic relay?