Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MH21TCG-R

  • AI
    The **MH21TCG-R** is a specific model of a **Miniature Magnetic Circuit Protector (Circuit Breaker)**, typically manufactured by companies like **IDEC** or specialized industrial component suppliers. These are primarily used for protecting electronic equipment and control circuits from overcurrent and short circuits. ### 1. Technical Specifications Overview The part number follows a specific nomenclature that defines its electrical characteristics. | Feature | Specification Details | | :--- | :--- | | **Type** | Magnetic Circuit Protector | | **Series** | MH Series (Miniature High-performance) | | **Number of Poles** | Typically 1-pole (indicated by the base series) | | **Mounting** | DIN Rail or Panel Mount | | **Tripping Method** | Hydraulic-Magnetic (provides stable tripping regardless of ambient temperature) | | **Termination** | Screw terminals (usually M3 or M3.5) | --- ### 2. Breakdown of the Model Code While naming conventions can vary slightly by manufacturer, the code generally breaks down as follows: * **MH2:** Series designation for high-performance miniature protectors. * **1:** Represents a **1-Pole** configuration. * **TCG:** This usually refers to the **Time Delay Curve**. "G" curves are typically medium-delay, designed to ignore momentary inrush currents (like a motor starting) but trip quickly on sustained overloads. * **R:** Often indicates **Rated Current** or a specific **Internal Circuit** configuration (e.g., Series Trip). --- ### 3. Key Electronic Functions The MH21TCG-R operates differently than a standard thermal breaker found in a home: 1. **Hydraulic-Magnetic Tripping:** * Inside the part, a solenoid coil surrounds a tube containing a spring-loaded core and silicone fluid. * **Overload:** The magnetic field pulls the core through the fluid (the delay). * **Short Circuit:** The magnetic field is so strong it pulls the armature instantly, bypassing the fluid delay. 2. **Temperature Independence:** Unlike thermal breakers, the MH21TCG-R does not "nuisance trip" just because the control cabinet gets hot. Its trip point remains constant at roughly 105% to 125% of its rated current. 3. **Inrush Handling:** The "TCG" curve allows the device to handle electronic power supplies that have high initial capacitance charging currents without tripping. --- ### 4. Common Applications Due to its precision, this part is commonly found in: * **Industrial Automation:** Protecting PLC (Programmable Logic Controller) outputs. * **Telecommunications:** DC power distribution units. * **Medical Equipment:** Sensitive diagnostic machines requiring precise overcurrent protection. * **Power Supplies:** Secondary side protection for 24V DC circuits.
    ✨ Follow-up Questions
    • ⤷ What is the specific ampere rating for the 'R' suffix in this model?
    • ⤷ How does a hydraulic-magnetic breaker compare to a standard thermal-magnetic breaker?
    • ⤷ Can this part be used for both AC and DC voltage applications?