Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MH41TDG-R

  • AI
    The **MH41TDG-R** is a specific electronic component typically identified as a **Phototriac Coupler** (also known as an Optoisolator with a Triac output), manufactured by companies like **Cosmo Electronics**. These components are essential for providing electrical isolation between a low-power control circuit (like a microcontroller) and a high-power AC load. --- ### 1. Key Technical Specifications Below is a breakdown of the typical technical parameters for this part: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Output Type** | Phototriac | AC Switching | | **Isolation Voltage** | Protection between Input/Output | 5000 Vrms | | **Peak Blocking Voltage** | Max voltage in "OFF" state | 400V or 600V | | **Trigger Current ($I_{FT}$)** | Current needed to turn it on | 5mA to 10mA | | **Zero-Cross Circuit** | Switching synchronization | Typically **Non-Zero Cross** | | **Package Type** | Physical casing | DIP-4 or SMD-4 | --- ### 2. Internal Components The MH41TDG-R consists of two primary internal electronic parts: 1. **Input (Infrared LED):** When current flows through the input pins, this LED emits infrared light. 2. **Output (Phototriac):** A light-sensitive Triac that detects the infrared light and becomes conductive, allowing AC current to flow through the output pins. --- ### 3. Connection Diagram (General) The typical pinout for a 4-pin device in this series is as follows: ```text Pin 1: Anode (LED Input +) Pin 2: Cathode (LED Input -) Pin 3: Main Terminal (Triac Output) Pin 4: Main Terminal (Triac Output) ``` --- ### 4. Common Applications Due to its high isolation and AC switching capabilities, it is used in: * **Solid State Relays (SSR):** Acting as the trigger mechanism. * **Home Appliances:** Controlling fans, heaters, or motors. * **Industrial Controls:** Interfacing PLCs with AC contactors. * **Lighting Dimming:** Specifically the non-zero cross versions used for phase-angle control. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between zero-cross and non-zero cross phototriacs?
    • ⤷ What is the recommended series resistor value for the input LED at 5V?
    • ⤷ Can this component be used to switch DC loads?