MH47TAD-R
AI

### Overview of the MH47TAD-R
The **MH47TAD-R** is a specific model of an electronic actuator, typically used in motorized standing desk systems or height-adjustable furniture. It serves as the "brain" or the primary drive mechanism that translates electrical signals into physical movement.
---
### Core Electronic Components
The MH47TAD-R consists of several key sub-systems that allow it to function safely and precisely.
| Component | Function | Description |
| :--- | :--- | :--- |
| **DC Motor** | Prime Mover | Usually a high-torque 24V or 36V DC motor that provides the rotational force. |
| **Hall Effect Sensor** | Positioning | A magnetic sensor that counts motor revolutions to determine the exact height of the desk. |
| **Worm Gearbox** | Mechanical Link | Converts high-speed motor rotation into high-torque linear movement while preventing "back-driving" (desk falling under weight). |
| **Limit Switches** | Safety | Internal switches or software-defined logic that prevents the motor from over-extending. |
| **Control PCB** | Logic Center | Processes signals from the hand controller and manages power distribution to the motor. |
---
### Technical Specifications (Typical)
While specific OEM data can vary, these units generally adhere to the following electrical standards:
* **Input Voltage:** 24V DC to 32V DC.
* **Current Draw:** 2.0A to 5.0A under full load.
* **Duty Cycle:** 10% (e.g., 2 minutes of operation followed by 18 minutes of rest) to prevent overheating.
* **Communication Protocol:** Often uses a 6-pin or 8-pin DIN/RJ style connector to communicate with the central control box.
---
### Key Features and Safety Mechanisms
1. **Anti-Collision System:**
The electronics monitor the current draw (amperage). If the desk hits an object, the current spikes, and the PCB immediately reverses the motor to prevent damage.
2. **Synchronization:**
In dual-motor setups, the Hall Effect sensors send pulses to the control box to ensure both legs of the desk move at the exact same speed, keeping the tabletop level.
3. **Thermal Protection:**
A thermistor on the PCB monitors temperature. If the motor is used too frequently, the electronics will trigger an "E01" or "Hot" code to shut down until it cools.
---
### Wiring Interface
Most MH47 series actuators use a standard pinout:
```text
Pin 1: Motor + (Power)
Pin 2: Motor - (Power)
Pin 3: Hall Sensor VCC (5V)
Pin 4: Hall Sensor GND
Pin 5: Hall Signal A
Pin 6: Hall Signal B
```
- ⤷
How do I troubleshoot a 'No Movement' error on the MH47TAD-R?
- ⤷ What are the specific lifting capacity limits for this actuator?
- ⤷ Can this motor be used with third-party control boxes?