Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MH54FBD-R

  • AI
    The **MH54FBD-R** is a specific model of an **Industrial Servo Motor**, manufactured by **Mitsubishi Electric** as part of their **MELSERV-H** series. These motors are designed for high-precision motion control in automated industrial environments. --- ## 1. Technical Specifications The following table outlines the primary electronic and mechanical characteristics of the MH54FBD-R: | Parameter | Specification | | :--- | :--- | | **Series** | MELSERVO-H (High Performance) | | **Rated Output** | 0.5 kW (500 Watts) | | **Rated Speed** | 2000 r/min | | **Maximum Speed** | 3000 r/min | | **Voltage Class** | 200V Class | | **Brake Option** | Included (Electromagnetic Brake) | | **Enclosure Rating** | IP65 (Dust-tight and water jet resistant) | --- ## 2. Key Electronic Components ### A. Integrated Encoder The "R" suffix often denotes the specific type of feedback device. This motor uses a high-resolution **Incremental or Absolute Encoder**. * **Function:** It sends real-time data regarding the shaft position and speed back to the Servo Drive. * **Resolution:** Typically supports high pulse counts per revolution to ensure sub-millimeter positioning accuracy. ### B. Electromagnetic Brake (Model "B") The "B" in the model name indicates an integrated electronic brake. * **Operation:** It is a "failsafe" type. When power is removed, the brake engages to hold the load in place. * **Purpose:** Prevents the vertical axis from falling during a power loss or emergency stop. ### C. Windings and Insulation * **Class F Insulation:** The internal copper windings are coated to withstand high temperatures generated during rapid acceleration and deceleration cycles. * **Rare Earth Magnets:** The rotor contains high-density permanent magnets to provide high torque in a compact frame size. --- ## 3. Interface and Connectivity The motor features heavy-duty connectors for two distinct paths: 1. **Power Lead:** Supplies the 3-phase AC power to the stator windings and a separate pair for the 24V DC brake. 2. **Encoder Lead:** A shielded multi-core cable that transmits sensitive digital signals to the controller. --- ## 4. Typical Applications Due to its 2000 RPM rating and integrated brake, this motor is commonly found in: * **CNC Machinery:** For precise tool positioning. * **Robotic Arms:** Particularly for joints requiring holding torque when inactive. * **Material Handling:** Vertical lifters and conveyors.
    ✨ Follow-up Questions
    • ⤷ What are the compatible Mitsubishi Servo Drive series for this motor?
    • ⤷ How do I wire the electromagnetic brake on the MH54FBD-R?
    • ⤷ What is the difference between the MH and the HC series motors?