MH68TCG-R
AI

The **MH68TCG-R** is a specific electronic component, typically categorized as a **High-Frequency Chip Inductor** (specifically a multilayer ceramic inductor). These parts are widely used in telecommunications, RF modules, and mobile devices due to their small footprint and high-frequency stability.
---
## 1. Technical Specifications
Below are the typical technical parameters associated with this series of inductors:
| Feature | Specification |
| :--- | :--- |
| **Inductance Value** | Typically 6.8 nH (indicated by "68") |
| **Tolerance** | ±0.3nH or ±5% (Contextual to suffix) |
| **Material** | Multilayer Ceramic |
| **Case Size** | 0603 (Metric) or 0201 (Imperial) - *varies by manufacturer* |
| **Operating Temp** | -55°C to +125°C |
| **Quality Factor (Q)** | High Q at high frequencies (GHz range) |
---
## 2. Component Breakdown
The alphanumeric code provides specific details about the component's construction and performance:
### **M - Material/Series**
Indicates a multilayer ceramic construction. These are non-wirewound, meaning they are built by layering conductive patterns between ceramic sheets. This design provides excellent reliability and high self-resonant frequencies (SRF).
### **H - Frequency Rating**
The "H" usually denotes a "High-Frequency" characteristic, optimized for circuits operating in the MHz to GHz range.
### **68 - Inductance Value**
The "68" represents the numerical value. In the context of these small RF chips, this usually equates to **6.8 nanohenries (nH)**.
### **TCG/R - Packaging and Tolerance**
* **T:** Often stands for "Tape and Reel" packaging.
* **C/G:** Defines the tolerance (e.g., ±0.2nH or ±0.3nH).
* **R:** Usually indicates "RoHS Compliant" or a specific variation in the termination material (e.g., Lead-free).
---
## 3. Key Applications
Because of its high Q-factor and stable inductance at high frequencies, the MH68TCG-R is commonly found in:
1. **RF Matching Circuits:** Used to match the impedance between power amplifiers and antennas.
2. **Frequency Filtering:** Part of Low Pass (LPF) or Band Pass (BPF) filters in mobile phones.
3. **WLAN/Bluetooth Modules:** Essential for signal integrity in 2.4GHz and 5GHz communication bands.
4. **VCOs:** Voltage Controlled Oscillators for signal generation.
---
## 4. Advantages
* **Miniaturization:** The small SMD (Surface Mount Device) profile allows for high-density PCB layouts.
* **Low DC Resistance (DCR):** Minimizes power loss and heat generation.
* **High SRF:** Ensures the component behaves like an inductor even at very high operation speeds.
- ⤷
What are the equivalent alternative part numbers for the MH68TCG-R?
- ⤷ What is the typical DC resistance (DCR) for a 6.8nH multilayer inductor?
- ⤷ How does a multilayer ceramic inductor differ from a wirewound inductor in RF circuits?