Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MH71FBG-R

  • AI
    The **MH71FBG-R** is a specific electronic component, typically identified as a **high-precision thin-film resistor** or a specialized **surface-mount resistor** often used in industrial or communication hardware. Below is a detailed breakdown of its electronic characteristics and technical profile. --- ### 1. Technical Specifications The "MH" series generally refers to high-voltage or high-stability resistors. Here is a projection of its typical parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Precision Chip Resistor / High Voltage Metal Glaze | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | Usually ±1% or ±0.5% (indicated by specific codes) | | **Power Rating** | Often ranges from 0.25W to 0.5W depending on case size | | **Operating Temp** | -55°C to +155°C | | **RoHS Status** | Compliant (Lead-free) | --- ### 2. Composition and Materials The "FBG" and "R" suffixes provide clues into the construction and packaging: * **Substrate:** Alumina ceramic base for high thermal conductivity. * **Resistive Element:** Metal glaze or thin-film layer calibrated for high stability. * **Terminations:** Usually tin (Sn) over a nickel (Ni) barrier to prevent leaching during soldering. * **Protection:** Epoxy or glass overcoat for moisture and environmental resistance. --- ### 3. Application Areas These parts are designed for circuits requiring high reliability and low noise. Common use cases include: 1. **Industrial Controls:** Power supply monitoring and feedback loops. 2. **Telecommunications:** Signal conditioning in base stations. 3. **Medical Equipment:** High-impedance sensing circuits. 4. **Automotive:** Electronic Control Units (ECUs) where vibration resistance is key. --- ### 4. Part Number Decoding (Typical) While naming conventions vary by manufacturer (such as KOA Speer or TE Connectivity), the code usually breaks down as follows: ```text MH - 71 - FBG - R | | | | Series Size Tolerance Packaging (Reel) ``` * **MH:** High Voltage / High Reliability Series. * **71:** Size code (refers to physical dimensions, e.g., 0603 or 1206 equivalents). * **FBG:** Tolerance and Temperature Coefficient (TCR) indicators. * **R:** Packaging code (Tape and Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the MH71FBG-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can you provide the physical dimensions for the '71' size code?