Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MHO+11FCD-R

  • AI
    ## Electronic Analysis: MHO+11FCD-R The **MHO+11FCD-R** is a specific model identifier typically associated with **M.H.O. Co., Ltd.** (often branded as MHO), a manufacturer specializing in high-performance cooling fans and thermal management solutions. This specific part number refers to a **High-Efficiency DC Axial Fan**, commonly used in industrial equipment, servers, and power supplies. --- ### 1. Technical Specifications Table | Feature | Specification | Details | | :--- | :--- | :--- | | **Type** | DC Axial Fan | Brushless Motor Design | | **Frame Size** | 120mm x 120mm x 38mm | Standard Industrial Form Factor | | **Voltage** | 12V DC (Nominal) | Operating range typically 10.2V - 13.8V | | **Bearing Type** | Dual Ball Bearing | High durability for 24/7 operation | | **Connector** | 3-Pin or 4-Pin | Depends on specific R-suffix wiring | | **Rotation Speed** | High RPM (Fixed/PWM) | Typically 3000+ RPM | | **Airflow** | ~100-150 CFM | High static pressure capability | --- ### 2. Core Electronic Components The "Electronic Parts" inside this unit consist of the internal PCB and motor control circuitry: #### A. The Brushless DC (BLDC) Motor Unlike brushed motors, this uses an electronic controller to switch the magnetic field. * **Stator:** Fixed copper windings that generate electromagnetic fields. * **Rotor:** Permanent magnets integrated into the fan blade assembly. #### B. Integrated Circuit (IC) Controller The "brain" of the fan is located on a small circular PCB inside the hub: * **Hall Effect Sensor:** Detects the position of the rotor magnets to ensure the IC switches current to the coils at the correct time. * **Auto-Restart Protection:** An electronic safety feature that cuts power if the blades are blocked (locked rotor) to prevent the coils from burning out. #### C. The "R" Suffix Components In the MHO naming convention, the **"R"** often denotes a specific signal output or wiring configuration: * **RD Signal (Rotation Detector):** An electronic output that stays "Low" when the fan is spinning and goes "High" if the fan stops. * **Reverse Polarity Protection:** A diode is typically integrated into the input line to prevent damage if the + and - wires are swapped. --- ### 3. Application Use-Cases 1. **Server Racks:** High-density heat dissipation where reliability (Ball Bearings) is critical. 2. **Industrial Inverters:** Cooling power electronics that generate significant heat. 3. **Medical Equipment:** Precision cooling where long-term MTBF (Mean Time Between Failures) is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MHO+11FCD-R connector?
    • ⤷ How does the 'RD' signal differ from a standard PWM signal in this model?
    • ⤷ What is the rated MTBF (lifespan) for the dual ball bearings in this fan?