MHO+32FDG-R
AI

Based on your query, the **MHO+32FDG-R** refers to a specific series of **Active Crystal Oscillators** (frequently associated with brands like *Mercury Electronic*). These components are critical for providing a stable clock signal in digital circuits.
---
## 1. Component Overview
The MHO series generally consists of HCMOS/TTL compatible crystal oscillators housed in a standard 14-pin DIP (Dual In-line Package) metal enclosure, though only 4 pins are active.
### Technical Specifications
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Package Type** | DIP-14 (Full size) |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | Usually 3.3V or 5.0V (Model dependent) |
| **Frequency Stability** | ±25ppm to ±100ppm |
| **Operating Temperature** | -10°C to +70°C (Standard) |
| **Features** | Hermetically sealed metal case for EMI shielding |
---
## 2. Pin Configuration
Even though the package has the physical footprint of a 14-pin IC, only four pins are used to functionalize the oscillator:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Ground connection |
| **8** | Output | The generated clock frequency signal |
| **14** | Vcc | Power supply input |
---
## 3. Key Electronic Characteristics
* **Frequency Generation:** Unlike a passive crystal (which requires external capacitors and an inverter), this is an **Active Oscillator**. It contains the quartz crystal and the oscillation circuitry inside one package.
* **Load Capacitance:** Typically optimized for a 15pF to 50pF load.
* **Rise/Fall Time:** Designed for high-speed digital switching, usually in the range of 5ns to 10ns.
* **EMI Shielding:** The metal "can" is grounded through pin 7, which significantly reduces electromagnetic interference (EMI) compared to ceramic resonators.
---
## 4. Common Applications
* **Microprocessors:** Providing the base heartbeat for CPUs.
* **Industrial Controllers:** Timing for PLCs and embedded systems.
* **Networking:** Synchronizing data transmission in Ethernet or Serial interfaces.
* **Legacy Hardware:** Often found in older computing equipment due to the robust DIP-14 form factor.
---
- ⤷
What is the specific frequency of the MHO+32FDG-R variant you are looking at?
- ⤷ How do I test if a 4-pin crystal oscillator is functioning using an oscilloscope?
- ⤷ What are the differences between an active oscillator and a passive quartz crystal?