Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MHO+44FDG-R

  • AI
    The **MHO+44FDG-R** is a specific model within the **MHO+ series** of high-performance Brushless AC Servo Motors, typically manufactured by companies like **Inovance** or related industrial automation specialists. These motors are designed for high precision, rapid response, and integration with specific servo drives. Below is an explanation of its electronic components and technical characteristics. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Motor Type** | Permanent Magnet Synchronous Motor (PMSM) / Brushless AC Servo | | **Flange Size** | 40mm (indicated by the "4" in the series) | | **Power Output** | Typically 100W (standard for 40mm frame size in this series) | | **Encoder Type** | 23-bit Serial Magnetic/Optical Absolute Encoder | | **Brake Option** | The "R" suffix often indicates a specific shaft/seal or revision configuration | | **Rated Speed** | 3000 RPM (Max 6000 RPM) | --- ### 2. Core Electronic Components #### A. The Encoder (The "Brain") The most critical electronic part of this motor is the feedback system. * **Resolution:** It usually utilizes a **23-bit absolute encoder**, which provides 8,388,608 pulses per revolution. * **Function:** It communicates the exact position, speed, and direction to the Servo Drive using a high-speed serial protocol. This eliminates the need for "homing" the machine every time it powers on. #### B. Stator Windings and Magnetics * **Winding Insulation:** The motor uses Class F insulation, designed to withstand internal temperatures up to 155°C. * **Rare Earth Magnets:** The rotor contains high-coercivity Neodymium Iron Boron (NdFeB) magnets, which allow for a high torque-to-inertia ratio. #### C. Connectivity & Terminals The electronic interface consists of two primary connectors: 1. **Power Lead:** Contains 4 wires (U, V, W, and Ground/PE). These carry the high-frequency PWM (Pulse Width Modulation) current from the drive. 2. **Encoder Lead:** A multi-pin connector (often 6 or 9 pins) that carries the 5V DC power supply for the encoder and the differential serial data signals (Data+, Data-). --- ### 3. Model Nomenclature Breakdown To understand the electronics, one must decode the part number: | Segment | Meaning | | :--- | :--- | | **MHO+** | High-inertia/High-performance Series | | **4** | 40mm Flange (Small frame size) | | **4** | 220V Voltage Class | | **F** | Feedback type (23-bit Absolute Encoder) | | **D** | Rated Speed (3000 RPM) | | **G** | Shaft type (usually keyed or specific tap) | | **R** | Specific revision or special environmental protection (e.g., oil seal) | --- ### 4. Integration with Servo Drives The electronics in the MHO+44FDG-R are specifically tuned to work with drives like the **Inovance SV660** or **IS620** series. The drive uses the electronic feedback to perform: * **Current Loop Control:** Monitoring the torque via the U, V, W phases. * **Velocity/Position Loop:** Using the 23-bit encoder data to ensure sub-millimeter accuracy.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the encoder connector on the MHO+44FDG-R?
    • ⤷ Can this motor be used with a third-party servo drive from a different manufacturer?
    • ⤷ What are the specific torque ratings for the 40mm MHO+ series?