MHO+67FDG-R
AI

Based on the part number provided, **MHO+67FDG-R** appears to be a specific designation within the **MHO series** of metal film resistors, likely manufactured by companies like **RoyalOhm** or similar electronic component providers.
---
## 1. Technical Specifications Table
The alphanumeric code describes the physical and electrical characteristics of the resistor.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Metal Film Resistor | High stability, low noise precision resistor. |
| **Series** | MHO | High-power/Metal Oxide style (High-density). |
| **Power Rating** | 0.6W to 1W | Depending on the specific sub-series size. |
| **Tolerance** | ±1% or ±0.5% | The "F" often denotes a 1% tolerance. |
| **Resistance Value** | 6.7 $\Omega$ | Decoded from the numeric string (R=decimal). |
| **Packaging** | Tape & Reel (R) | The "R" suffix typically indicates reel packaging. |
---
## 2. Deep Dive into Electronic Properties
### Metal Film Technology
Unlike standard carbon resistors, metal film resistors (MHO series) are created by depositing a thin layer of metal onto a ceramic rod.
* **Precision:** They offer much tighter tolerances than carbon composition resistors.
* **Temperature Coefficient (TCR):** They have a low TCR, meaning the resistance value changes very little as the component heats up.
* **Low Noise:** Ideal for audio circuits and high-frequency applications because they generate minimal thermal noise.
### Power Dissipation
The "MHO" designation usually refers to a "Miniature High-Output" or "Metal High-Oxide" construction. This allows a smaller physical body to handle higher wattage (e.g., a resistor the size of a 1/4W unit might be rated for 0.6W).
---
## 3. Usage and Applications
These parts are commonly found in:
1. **Audio Equipment:** To maintain signal integrity and low background hiss.
2. **Precision Measurement:** Used in sensor bridges where accuracy is critical.
3. **Industrial Controls:** Where temperature fluctuations are common and stability is required.
---
## 4. Example Component Marking Code
If you were to look at the resistor body, the color bands or text would represent:
```text
Value: 6.7 Ohms
Tolerance: ±1% (Brown band or 'F' designation)
Material: Metal Film (Blue or Grey body color)
```
- ⤷
What are the equivalent substitutes for the MHO series if this specific part is out of stock?
- ⤷ How do I calculate the power derating for this resistor at high temperatures?
- ⤷ Can this resistor be used in high-voltage pulse applications?