AI

The part number **MHO+72FGG-R** typically refers to a specialized **Crystal Oscillator** or a frequency control component, often manufactured by companies like **MtronPTI**.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Specifications Table
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | Surface Mount Device (SMD) |
| **Dimensions** | Often 5.0 x 7.0 mm (standard high-reliability footprint) |
| **Output Type** | CMOS / TTL Compatible |
| **Voltage Supply** | Usually 3.3V or 5.0V (Variant dependent) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±20ppm to ±100ppm |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
## 2. Part Number Breakdown
To understand the electronic capabilities, we can decode the nomenclature:
* **MHO:** This series prefix usually denotes a high-reliability, metal-can, or ceramic-packaged crystal oscillator designed for through-hole or SMD mounting.
* **72:** Often indicates the package size or a specific voltage/output configuration (e.g., 5.0V or 3.3V operation).
* **FGG:** This is a code for **Frequency Stability** and **Operating Temperature Range**. In many timing component catalogs, "G" mappings refer to specific parts per million (ppm) tolerances.
* **-R:** Stands for **RoHS Compliant**, meaning the part is manufactured without lead (Pb) and other restricted hazardous substances.
---
## 3. Key Electronic Features
### A. Frequency Generation
The core of this device is a quartz crystal blank that vibrates at a specific frequency when a voltage is applied (the Piezoelectric effect). The internal circuitry includes:
* A sustaining amplifier.
* An output buffer to drive external loads.
### B. Output Characteristics
The **MHO+** series is known for providing a clean square wave signal. It is used as the "heartbeat" for microprocessors, FPGAs, and communication ICs. It features low "jitter" (timing uncertainty), which is critical for high-speed data transmission.
### C. Environmental Durability
Because these are often used in industrial or military-lite applications, they are hermetically sealed. This prevents moisture and atmospheric contaminants from affecting the quartz crystal's vibration frequency over time (Aging).
---
## 4. Typical Applications
* **Networking:** Routers, switches, and fiber-optic modules.
* **Embedded Systems:** Providing clock signals to ARM or AVR microcontrollers.
* **Industrial Control:** PLCs (Programmable Logic Controllers) where temperature stability is required.
* **Test & Measurement:** Oscilloscopes and signal generators.
- ⤷
What is the specific frequency (MHz) for your MHO+72FGG-R unit?
- ⤷ Do you need a comparison between CMOS and LVPECL output types?
- ⤷ Are you looking for a direct cross-reference or replacement part?