MHO328FAG-R
AI

The **MHO328FAG-R** is a specific part number belonging to the **MHO Series** of high-performance crystal oscillators manufactured by **MtronPTI**. These components are critical for providing accurate timing and frequency signals in electronic circuits.
### 1. Technical Specifications
The part number breakdown reveals specific characteristics of the component:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | MHO | 14-pin DIP (Dual In-line Package) or 4-pin square package style. |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and standard TTL logic circuits. |
| **Stability** | ±100 ppm | Standard frequency stability over the operating temperature range. |
| **Voltage** | 5.0V | Operates on a standard 5-volt power supply. |
| **Package Style** | Full Size / Half Size | Typically housed in a hermetically sealed metal "can" for durability. |
| **RoHS Status** | -R (Suffix) | Indicates the part is Lead-Free and RoHS compliant. |
---
### 2. Functional Description
The MHO328FAG-R serves as the "heartbeat" of a digital system. It consists of a quartz crystal resonator combined with an integrated circuit (oscillator) to produce a stable square wave.
* **Frequency Generation:** It converts DC electrical energy from the power supply into a precise AC signal (Frequency).
* **Hermetic Sealing:** The metal enclosure protects the quartz crystal from environmental factors like humidity and oxidation, ensuring long-term frequency aging stability.
* **Tri-state Functionality:** Many versions of the MHO series include an "Enable/Disable" function (Pin 1), allowing the output to be turned off to save power or perform system testing.
---
### 3. Common Applications
Due to its robust metal packaging and 5V compatibility, this part is frequently found in:
1. **Industrial Controls:** Used in PLCs and automation equipment requiring 5V logic.
2. **Legacy Computing:** Common in older motherboard designs or embedded systems.
3. **Communication Equipment:** Providing clock signals for data transmission hardware.
4. **Test and Measurement:** Used in signal generators and frequency counters.
---
### 4. Pin Configuration (Typical 4-Pin)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-state | No connection or Output Enable/Disable. |
| **7** | Ground | Circuit common/Case ground. |
| **8** | Output | The generated clock signal. |
| **14** | Vcc | +5.0V Power Supply. |
- ⤷
What is the exact frequency of the MHO328FAG-R variant?
- ⤷ Can this oscillator be used in a 3.3V system without a level shifter?
- ⤷ What are the storage temperature limits for MtronPTI MHO series oscillators?