MN1382-RTA
AI

## Overview of the MN1382-RTA
The **MN1382-RTA** is a voltage detector integrated circuit (IC) manufactured by Panasonic. It is primarily used for monitoring power supply voltages and generating a reset signal for microprocessors or other logic circuits when the voltage drops below a specific threshold.
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Voltage Detector / Reset IC |
| **Detection Voltage ($V_{DET}$)** | 4.0V to 4.3V (Specific to 'R' rank) |
| **Output Type** | CMOS Output |
| **Package Type** | Mini-3P (SOT-23 equivalent) |
| **Operating Voltage Range** | 1.0V to 10.0V |
| **Typical Current Consumption** | 1.5 $\mu$A (Very Low Power) |
---
### Internal Functional Blocks
The device consists of three main electronic components integrated into the silicon:
1. **Reference Voltage Source:** Provides a stable internal voltage to compare against the input.
2. **Voltage Comparator:** Compares the $V_{DD}$ (input voltage) against the reference. It includes **hysteresis** to prevent "chattering" (rapid switching) when the voltage is near the threshold.
3. **Output Driver:** A CMOS stage that provides a clean logic signal (High or Low) to the system controller.
### Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Reset Output signal |
| 2 | **VDD** | Power supply input / Sense voltage |
| 3 | **VSS** | Ground |
---
### Operating Logic
The MN1382 series is designed to protect digital systems from unstable power conditions:
* **Normal Condition:** When $V_{DD}$ is above the detection threshold, the **OUT** pin remains **High**.
* **Low Voltage Condition:** When $V_{DD}$ falls below the threshold, the **OUT** pin drops to **Low** (Reset state).
* **Recovery:** Once the voltage rises above the threshold (plus a small hysteresis amount), the **OUT** pin returns to **High**, allowing the microprocessor to start.
### Common Applications
* **Microcomputer Reset:** Prevents code execution errors during brownouts.
* **Battery Checkers:** Used to light an LED or trigger an alarm when a battery is low.
* **Power Failure Detectors:** Notifies a system to save data to non-volatile memory before power is lost completely.
---
- ⤷What is the difference between the MN1382 and the MN1381 series?
- ⤷ How does the hysteresis feature prevent circuit instability?
- ⤷ Can the MN1382-RTA be used with a 3.3V logic system?