Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MP1210-4-RX

  • AI
    The **MP1210-4-RX** is typically identified as a high-performance **Magnetic Proximity Sensor** or a **Magnetic Speed Sensor**. These components are frequently used in industrial automation, automotive systems, and heavy machinery to detect the presence or movement of ferrous targets. --- ### 1. Key Technical Specifications Below are the general electronic characteristics associated with the MP1210 series: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Variable Reluctance (VR) or Magnetic Hall Effect | | **Thread Size** | M12 x 1.0 (Metric) | | **Output Signal** | Analog (Sine Wave) or Digital (Pulse) | | **Housing Material** | Stainless Steel or Plated Brass | | **Operating Temperature** | -40°C to +105°C (Standard) | | **Connector Type** | Integrated Connector or Pigtail Lead | --- ### 2. Electronic Operating Principle The "RX" variant usually refers to a specific sensitivity or wiring configuration. Here is how the internal electronics function: * **Magnetic Induction:** The sensor contains an internal permanent magnet and a sensing coil. As a ferrous metal object (like a gear tooth) passes the tip, it disturbs the magnetic field. * **Voltage Generation:** This disturbance induces a voltage in the coil. The frequency of the output voltage is directly proportional to the speed of the moving part. * **Passive vs. Active:** * If it is a **Passive** sensor, it requires no external power and produces a low-voltage AC signal. * If it is an **Active** sensor (Hall Effect), it requires a DC supply (usually 5-24V) and provides a clean Square Wave output. --- ### 3. Wiring and Pinout Structure Most M12-style sensors like the MP1210-4-RX follow a standardized color-coding or pin-mapping system: 1. **Brown (VCC):** Positive Supply Voltage (for active types). 2. **Blue (GND):** Ground/Common. 3. **Black (Signal):** The output pulses sent to the PLC or Tachometer. 4. **White (Optional):** Often used for complementary signals or shielding. --- ### 4. Common Applications * **Engine RPM Sensing:** Measuring the speed of a flywheel or crankshaft. * **Conveyor Systems:** Monitoring belt speed or detecting jams. * **Flow Meters:** Detecting the rotation of internal turbines. * **ABS Systems:** Monitoring wheel speed for anti-lock braking. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the MP1210-4-RX?
    • ⤷ Does this specific model require an external pull-up resistor for signal processing?
    • ⤷ What is the recommended air gap distance between the sensor tip and the target?