Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MP1223-4-RX

  • AI
    The **MP1223-4-RX** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a multi-phase coupled inductor, commonly used in high-efficiency DC-DC converters and Voltage Regulator Modules (VRMs). --- ### 1. Key Technical Specifications The "MP" series often refers to molded power inductors designed for high-current applications. Below is a breakdown of the typical specifications for this class of component: | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Inductance** | The ability to store energy in a magnetic field. | ~0.22µH to 1.5µH (Part specific) | | **Current Rating (Isat)** | The current at which inductance drops. | High (20A - 60A+) | | **DC Resistance (DCR)** | Internal resistance of the copper coil. | Ultra-low (mΩ range) | | **Footprint** | Physical dimensions on the PCB. | Molded 12x12mm (approx) | | **Operating Temp** | Thermal range for stability. | -40°C to +125°C | --- ### 2. Internal Construction The MP1223-4-RX is built using high-performance materials to handle modern CPU/GPU power requirements: * **Magnetic Core:** Usually composed of a composite metal powder (Iron-silicon-aluminum or similar) which allows for soft saturation characteristics. * **Winding:** Utilizes flat copper wire (rectangular wire) to minimize the **Skin Effect** and reduce DCR, allowing for higher efficiency. * **Molded Shielding:** The entire assembly is molded under high pressure, which provides excellent magnetic shielding and reduces acoustic noise (coil whine). --- ### 3. Circuit Role and Applications In a power system, the MP1223-4-RX performs several critical functions: 1. **Energy Storage:** It stores energy during the "ON" cycle of a switching regulator and releases it during the "OFF" cycle to maintain a steady output voltage. 2. **Filtering:** It acts as a low-pass filter, smoothing out the high-frequency switching noise from PWM (Pulse Width Modulation) controllers. 3. **Phase Coupling:** In multi-phase designs (indicated by the "-4-" nomenclature in some series), it may represent a 4-phase coupled inductor which improves transient response times for processors. #### Common Use Cases: * **Server Motherboards:** Powering high-wattage CPUs. * **Graphics Cards (GPUs):** Handling rapid current spikes during gaming or AI processing. * **Point of Load (POL) Converters:** Step-down voltage regulation in telecommunications. --- ### 4. PCB Design Considerations When integrating this part into a schematic or layout, engineers focus on: * **Thermal Vias:** Since this part handles high current, large copper planes and thermal vias are necessary to dissipate heat. * **Proximity:** The inductor must be placed as close as possible to the switching MOSFETs to minimize parasitic inductance.
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the MP1223-4-RX?
    • ⤷ How does a molded inductor differ from a traditional wire-wound inductor?
    • ⤷ Can this part be used in automotive-grade applications?