MP1602-A4-RX
AI

The **MP1602-A4-RX** is an integrated receiver module commonly used in remote control systems, security devices, and wireless data transmission. It typically operates in the sub-GHz radio frequency (RF) spectrum (often 315MHz or 433MHz).
---
### 1. Key Technical Specifications
The following table outlines the typical electrical characteristics for this receiver module:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Operating Voltage** | 3.3V to 5.0V DC |
| **Operating Current** | 3mA - 5mA |
| **Frequency** | 315MHz / 433.92MHz |
| **Modulation Type** | ASK / OOK (Amplitude Shift Keying) |
| **Sensitivity** | -105 dBm to -110 dBm |
| **Output Type** | Digital (TTL Level) |
---
### 2. Main Electronic Components
The module is comprised of several critical sections that handle the conversion of radio waves into digital data:
#### A. The RF Front-End (Antenna & Filter)
The circuit starts with an antenna input (often a solder pad labeled **ANT**). It uses an **LC Filter** (Inductor-Capacitor) to tune the receiver to the specific frequency and reject out-of-band noise.
#### B. The Superheterodyne / Super-regenerative IC
Most modern MP1602 modules use a high-integration CMOS chip.
- **LNA (Low Noise Amplifier):** Boosts the weak incoming signal from the antenna.
- **Mixer & Local Oscillator:** Converts the RF signal down to an Intermediate Frequency (IF).
- **Data Slicer:** Converts the analog waveform into a clean square-wave digital signal.
#### C. Passive Components
- **Crystal Oscillator:** Provides a stable frequency reference for the internal clock.
- **SMD Capacitors/Resistors:** Used for power supply decoupling (filtering noise) and setting the gain of the internal amplifiers.
---
### 3. Pinout Configuration
The MP1602-A4-RX generally features a 4-pin or 5-pin interface:
1. **VCC:** Power Input (+5V typical).
2. **GND:** Ground.
3. **DATA/DO:** Digital output pin. This connects to a microcontroller (like Arduino) or a hardware decoder (like the PT2272).
4. **ANT:** Antenna connection (a 17cm wire is recommended for 433MHz).
---
### 4. Application Logic
The module does not "decode" complex protocols by itself; it simply outputs the raw bitstream it receives. To make it functional, you must pair it with:
* **Hardware Decoders:** Integrated circuits like the **PT2272** or **EV1527**.
* **Software Decoding:** Using an MCU to measure pulse widths (e.g., using the `RCSwitch` library in Arduino).
- ⤷
What is the ideal antenna length for the 433MHz version of this module?
- ⤷ Can the MP1602-A4-RX decode rolling code signals natively?
- ⤷ What is the maximum effective range of this receiver in an open field?