Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MP220P-R10-G

  • AI
    The **MP220P-R10-G** is a high-precision, surface-mount (SMD) molded power inductor manufactured by **Cyntec**. It belongs to the MP series, which is specifically designed for high-current power supply circuits, often used in telecommunications, servers, and automotive electronics. ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | Typ: 0.22 mΩ / Max: 0.25 mΩ | | **Saturation Current (Isat)** | ~80A to 110A (Depending on temp rise) | | **Heat Rating Current (Irms)** | ~50A to 60A | | **Operating Temperature** | -55°C to +125°C | | **Dimensions** | Approx. 22.0 x 22.0 mm (Height varies) | --- ### 2. Physical and Structural Characteristics * **Molded Construction:** The inductor is made using a metallic powder molding process. This provides a "soft saturation" characteristic, meaning the inductance doesn't drop off sharply as current increases. * **Shielding:** It is magnetically shielded, which significantly reduces electromagnetic interference (EMI) and prevents noise leakage into surrounding components. * **Low Profile/Large Footprint:** The "220" in the part number usually refers to the 22mm x 22mm size. This large footprint allows for very thick internal copper wiring, leading to extremely low DC Resistance (DCR). --- ### 3. Electronic Functionality The MP220P-R10-G is used primarily as an **energy storage element** in DC-DC converters. Because its inductance is very low (0.10 µH), it is optimized for: 1. **High-Frequency Switching:** Faster response times in power stages. 2. **High Efficiency:** The ultra-low DCR (0.22 mΩ) minimizes power loss due to heat (I²R losses). 3. **High Current Handling:** It is capable of handling massive bursts of current without the core "saturating" (losing its magnetic properties). --- ### 4. Common Applications * **Voltage Regulator Modules (VRM):** Found on high-end server motherboards and GPUs to provide power to CPUs. * **Point of Load (POL) Converters:** Used in decentralized power architectures. * **Distributed Power Systems:** Ensuring stable voltage in telecommunications infrastructure. --- ### 5. Part Number Breakdown (Typical Cyntec Logic) | Code | Meaning | | :--- | :--- | | **MP** | Series Name (Molded Power Inductor) | | **220** | Physical Size (approx. 22 x 22 mm) | | **P** | Specific Material or Profile Code | | **R10** | Inductance Value (R10 = 0.10 µH) | | **-G** | Green/RoHS Compliant/Halogen Free |
    ✨ Follow-up Questions
    • ⤷ What are the advantages of molded inductors over traditional wire-wound inductors?
    • ⤷ How does the ultra-low DCR of 0.22 mΩ affect the overall efficiency of a power supply?
    • ⤷ In what scenarios would a 0.10 µH inductor be chosen over a higher value like 1.0 µH?