MPL73-R47
AI

## MPL73-R47: Technical Overview
The **MPL73-R47** is a high-performance, low-profile **molded power inductor** commonly used in DC-DC converter applications. It belongs to a class of inductors designed for high-current environments where space is limited.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.3 mΩ (Typ) to 1.6 mΩ (Max) |
| **Saturation Current (Isat)** | ~30A - 35A |
| **Heat Rating Current (Irms)** | ~20A - 25A |
| **Operating Temperature** | -55°C to +125°C (including self-heating) |
| **Dimensions (Footprint)** | Approx. 7.3mm x 6.6mm |
---
### 2. Core Features & Construction
* **Molded Structure:** The inductor is constructed using a metallic powder core molded around a copper coil. This design provides excellent magnetic shielding and reduces acoustic noise (buzzing).
* **High Current Density:** Due to its flat-wire or optimized coil design, it can handle very high saturation currents relative to its small physical size.
* **Low DCR:** The low DC resistance minimizes power loss and prevents excessive heat generation, making it highly efficient for battery-powered devices.
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when overloaded, the molded metallic powder core exhibits a "soft" saturation curve, which is safer for power supply stability.
---
### 3. Common Applications
The MPL73-R47 is typically found in the following electronic circuits:
1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs for high-speed switching.
2. **DC-DC Converters:** Point-of-load (POL) converters in telecommunications.
3. **Battery Powered Devices:** Laptops, tablets, and handheld medical equipment where efficiency is critical.
4. **Automotive Infotainment:** Powering onboard sensors and display units.
---
### 4. Part Number Breakdown
The naming convention usually follows this logic:
* **MPL:** Series designation (Molded Power Inductor).
* **73:** Physical size (approx. 7.3mm length).
* **R47:** Inductance value (R denotes the decimal point, so 0.47 µH).
---
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ Can this inductor be used in high-frequency switching above 1MHz?
- ⤷ What are the recommended soldering profiles for molded inductors?